Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY55858U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY55858U
Description  2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55858U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY55858U Datasheet HTML 1Page - Micrel Semiconductor SY55858U Datasheet HTML 2Page - Micrel Semiconductor SY55858U Datasheet HTML 3Page - Micrel Semiconductor SY55858U Datasheet HTML 4Page - Micrel Semiconductor SY55858U Datasheet HTML 5Page - Micrel Semiconductor SY55858U Datasheet HTML 6Page - Micrel Semiconductor SY55858U Datasheet HTML 7Page - Micrel Semiconductor SY55858U Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SuperLite™
SY55858U
Micrel
SELA0
SELA1
QA0
QA1
Function
0
0
DA0
DA0
Fanout Buffer or Redundant Distribution
0
1
DA0
DA1
Dual Buffer or Crosspoint
1
0
DA1
DA0
Dual Buffer or Crosspoint
1
1
DA1
DA1
Fanout Buffer or Redundant Distribution
TRUTH TABLES
Table 1. Input to Output Connectivity Crosspoint A
SELB0
SELB1
QB0
QB1
Function
0
0
DB0
DB0
Fanout Buffer or Redundant Distribution
0
1
DB0
DB1
Dual Buffer or Crosspoint
1
0
DB1
DB0
Dual Buffer or Crosspoint
1
1
DB1
DB1
Fanout Buffer or Redundant Distribution
Table 2. Input to Output Connectivity Crosspoint B
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
–0.5 to +6.0
V
VIN
Input Voltage
–0.5 to V
CC +0.5
V
VOUT
CML Output Voltage
V
CC –1.0 to VCC +0.5
V
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θ
JA
Package Thermal Resistance
–Still-Air (multi-layer PCB)
28
°C/W
(Junction-to-Ambient)
–500lfpm (multi-layer PCB)
20
°C/W
θ
JC
Package Thermal Resistance
4
°C/W
(Junction-to-Case)
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY55858U

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHG MICREL-SY55858UHG Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHGTR MICREL-SY55858UHGTR Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHI MICREL-SY55858UHI Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHITR MICREL-SY55858UHITR Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
More results

Similar Description - SY55858U

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
ON Semiconductor
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
Micrel Semiconductor
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
ON Semiconductor
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
Micrel Semiconductor
Micrel Semiconductor
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz