Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY55858U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY55858U
Description  2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55858U Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY55858U Datasheet HTML 1Page - Micrel Semiconductor SY55858U Datasheet HTML 2Page - Micrel Semiconductor SY55858U Datasheet HTML 3Page - Micrel Semiconductor SY55858U Datasheet HTML 4Page - Micrel Semiconductor SY55858U Datasheet HTML 5Page - Micrel Semiconductor SY55858U Datasheet HTML 6Page - Micrel Semiconductor SY55858U Datasheet HTML 7Page - Micrel Semiconductor SY55858U Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SuperLite™
SY55858U
Micrel
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
f
MAX
Maximum Frequency
NRZ Data Rate
3.0
——
Gbps
Clock Frequency(3)
3.0
——
GHz
t
PLH
Differential Propagation Delay
220
350
450
ps
t
PHL
D-to-Q
t
SWITCH
Select-to-Valid Output(4)
0.50
1.0
ns
t
SKEW
Within-Device Skew(5)
12
25
ps
Within-Device Skew(6)
25
50
ps
Part-to-Part Skew (Diff.)
100
R
J
Random Jitter
25
ps(rms)
D
J
Deterministic Jitter
520
ps(pk-pk)
t
r, tf
CML Output Rise/Fall Times
80
120
ps
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS(1)
V
CC = 2.3V to 3.6V; GND = 0V; TA = –40°C to +85°C
(2)
Note 1.
Specification for packaged product only.
Note 2.
Tested using environment of Figure 3, 50
Ω equivalent load. AC parameters are guaranteed by design and characterization.
Note 3.
fMAX clock is defined as the maximum toggle rate the device can operate while still achieving a 250mV minimum CML output swing, 50Ω
equivalent load.
Note 4.
Input TTL/CMOS edge rate of <1.5ns.
Note 5.
Worst-case difference between QA0 and QA1 from either DA0 or DA1 (or between QB0 and QB1 from either DB0 or DB1 respectively), when
both outputs come from the same input.
Note 6.
Worst-case difference between QA and QB outputs, when DA or DB inputs are shorted.
CML OUTPUT TERMINATION APPLICATION
50
50
SY55858U
vcc
100
50
50
16mA
Figure 3. 50
Output Termination
All CML inputs accept a CML output from any other
member of this family. All CML outputs are source terminated
QOUT
/QOUT
800mV
(QOUT — /QOUT
Differential
QOUT
/QOUT
400mV
(Single-Ended)
+
Figure 4. Output Levels
50
Ω differential drivers as shown in Figure 3.


Similar Part No. - SY55858U

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHG MICREL-SY55858UHG Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHGTR MICREL-SY55858UHGTR Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHI MICREL-SY55858UHI Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858UHITR MICREL-SY55858UHITR Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
More results

Similar Description - SY55858U

ManufacturerPart No.DatasheetDescription
Micrel Semiconductor
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
ON Semiconductor
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
Micrel Semiconductor
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
ON Semiconductor
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
Micrel Semiconductor
Micrel Semiconductor
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz