Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD3PS25-1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD3PS25-1
Description  P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PS25-1 Datasheet(HTML) 2 Page - STMicroelectronics

  STD3PS25-1 Datasheet HTML 1Page - STMicroelectronics STD3PS25-1 Datasheet HTML 2Page - STMicroelectronics STD3PS25-1 Datasheet HTML 3Page - STMicroelectronics STD3PS25-1 Datasheet HTML 4Page - STMicroelectronics STD3PS25-1 Datasheet HTML 5Page - STMicroelectronics STD3PS25-1 Datasheet HTML 6Page - STMicroelectronics STD3PS25-1 Datasheet HTML 7Page - STMicroelectronics STD3PS25-1 Datasheet HTML 8Page - STMicroelectronics STD3PS25-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STD3PS25 - STD3PS25-1
2/10
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON
DYNAMIC
Rthj-case
Thermal Resistance Junction-case Max
2.77
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
275
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
250
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20 V
±10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250 µA
234
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V,ID = 0.3 A
2.1
2.8
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ciss
Input Capacitance
VDS =25V,f= 1MHz, VGS =0
260
pF
Coss
Output Capacitance
52
pF
Crss
Reverse Transfer
Capacitance
25
pF
RG
Gate-Input Resistance
f = 1 MHz,Gate DC Bias=0
Test Signal Level=20 mV
Open Drain
6


Similar Part No. - STD3PS25-1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD3PK50 ISC-STD3PK50 Datasheet
332Kb / 2P
   N-Channel MOSFET
logo
STMicroelectronics
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
More results

Similar Description - STD3PS25-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
   N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
   N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY??MOSFET
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
   N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY??MOSFET
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
   N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com