Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWWWG6SG Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWWWG6SG
Description  white P-LCC-6 package, colored diffused silicone resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWWWG6SG Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWWWG6SG Datasheet HTML 6Page - OSRAM GmbH LWWWG6SG Datasheet HTML 7Page - OSRAM GmbH LWWWG6SG Datasheet HTML 8Page - OSRAM GmbH LWWWG6SG Datasheet HTML 9Page - OSRAM GmbH LWWWG6SG Datasheet HTML 10Page - OSRAM GmbH LWWWG6SG Datasheet HTML 11Page - OSRAM GmbH LWWWG6SG Datasheet HTML 12Page - OSRAM GmbH LWWWG6SG Datasheet HTML 13Page - OSRAM GmbH LWWWG6SG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LWWW G6SG
2006-05-15
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T); 3 chips on
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
T
OHL02415
temp. ambient
temp. solder point
0
0
5
10
15
T
A
S
T
T
A
25
20
I
30
mA
F
35
˚C
T
S
20
40
60
80
120
0
A
OHL02413
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10
0.033
Exemplarische mittlere Lebensdauer
2) Seite 19
für Helligkeitsgruppe CA
Exemplary median Lifetime
2) page 19
for Brightness Group CA
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 15 mA/Chip
T
A = 25°C
50.000
Betriebsstunden
operating hours
I
F = 15 mA/Chip
T
A = 85°C
5.000
Betriebsstunden
operating hours
0
A
OHL02414
0.05
0.10
0.15
0.20
0.25
0.35
p
t
F
I
D
P
t
=
T
P
t
T
F
I
1
0.05
0.5
0.2
0.02
0.1
=
0.01
0.005
D
-5
1
10
-4
10
10
-3
-2
10
10
-1
0
10
10
s
2
10
0.033


Similar Part No. - LWWWG6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWWWG6SG-CBEA-5K8L OSRAM-LWWWG6SG-CBEA-5K8L Datasheet
524Kb / 20P
   white PLCC-6 package
More results

Similar Description - LWWWG6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCW-G6SP OSRAM-LCW-G6SP Datasheet
699Kb / 21P
   white P-LCC-6 package, colored diffused silicone resin
LUWE6SG OSRAM-LUWE6SG Datasheet
379Kb / 17P
   white P-LCC-4 package, colored diffused silicone resin
LUW-E6SG OSRAM-LUW-E6SG Datasheet
379Kb / 17P
   white P-LCC-4 package, colored diffused silicone resin
LCWE6SG OSRAM-LCWE6SG Datasheet
708Kb / 18P
   white P-LCC-4 package, colored diffused silicone resin
LCW-E6SG OSRAM-LCW-E6SG Datasheet
708Kb / 18P
   white P-LCC-4 package, colored diffused silicone resin
LRTBG6SG OSRAM-LRTBG6SG Datasheet
854Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LRTB-G6SG OSRAM-LRTB-G6SG Datasheet
354Kb / 23P
   white P-LCC-6 package, diffused silicone resin
LRTBG6SF OSRAM-LRTBG6SF Datasheet
642Kb / 23P
   white P-LCC-6 package with diffused silicone resin
LRTB-G6SF OSRAM-LRTB-G6SF Datasheet
642Kb / 23P
   white P-LCC-6 package with diffused silicone resin
LW-T676 OSRAM-LW-T676 Datasheet
219Kb / 15P
   white P-LCC-2 package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com