Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWF65G Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUWF65G
Description  SMD package with lens
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF65G Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUWF65G Datasheet HTML 7Page - OSRAM GmbH LUWF65G Datasheet HTML 8Page - OSRAM GmbH LUWF65G Datasheet HTML 9Page - OSRAM GmbH LUWF65G Datasheet HTML 10Page - OSRAM GmbH LUWF65G Datasheet HTML 11Page - OSRAM GmbH LUWF65G Datasheet HTML 12Page - OSRAM GmbH LUWF65G Datasheet HTML 13Page - OSRAM GmbH LUWF65G Datasheet HTML 14Page - OSRAM GmbH LUWF65G Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Vorläufige Daten / Preliminary Data
LUW F65G
2008-12-03
11
Relative Vorwärtsspannung
2) Seite 15
Relative Forward Voltage
2) page 15
V
F - VF(25 °C) = f(Tj); IF= 700 mA
Farbortverschiebung
2) Seite 15
Chromaticity Coordinate Shift
2) page 15
x, y = f (T
j); IF = 700 mA
Relative Lichtstrom
2) Seite 15
Relative Luminous Flux
2) page 15
Φ
V/ΦV(25 °C) = f (Tj); IF = 700 mA
OHL02808
Tj
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
VF
Δ
-0.018
-60
OHL03444
˚C
Cx,
Δ
Cy
Δ
-20
20
60
100
140
Cx
Cy
-0.016
-0.014
-0.012
-0.010
-0.008
-0.006
-0.004
-0.002
0
0.002
0.008
-40
0
40
80
j
T
-60
0
-40 -20
0
20
V (25 ˚C)
Φ
Φ
V
˚C
60
40
Tj
100
OHL12725
0.2
0.4
0.6
0.8
1.0
1.4


Similar Part No. - LUWF65G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWF65N OSRAM-LUWF65N Datasheet
710Kb / 19P
   SMD package with lens
More results

Similar Description - LUWF65G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
   SMD package with lens
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
   SMD package with lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
   SMD package with lens
LUWF65N OSRAM-LUWF65N Datasheet
710Kb / 19P
   SMD package with lens
LUW-F65G OSRAM-LUW-F65G Datasheet
662Kb / 19P
   SMD package with lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
LTH9GP-JZKZ-26-1 OSRAM-LTH9GP-JZKZ-26-1 Datasheet
621Kb / 21P
   SMD epoxy package with silicone lens
LUWH9GP-KYLY-4C8E-1 OSRAM-LUWH9GP-KYLY-4C8E-1 Datasheet
763Kb / 24P
   SMD epoxy package with silicone lens
KR-HAVPA1.22 OSRAM-KR-HAVPA1.22 Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com