Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAFC-12S-E1A2 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAFC-12S-E1A2
Description  Isolation Class II
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAFC-12S-E1A2 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAFC-12S-E1A2 Datasheet HTML 1Page - Wall Industries,Inc. PSAFC-12S-E1A2 Datasheet HTML 2Page - Wall Industries,Inc. PSAFC-12S-E1A2 Datasheet HTML 3Page - Wall Industries,Inc. PSAFC-12S-E1A2 Datasheet HTML 4Page - Wall Industries,Inc. PSAFC-12S-E1A2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev B
PSAFC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
BLOCK DIAGRAM
O.C.P.
DETECT
+V
-V
L
N
DERATING CURVES
Standard Models
“-E1” Suffix Models
0
20
40
60
80
100
120
-25
-20
0
20
40
60
70 80
100
Ambient Temperature (°C)
50
25%
0
20
40
60
80
100
120
-40
-20
0
20
40
60 70 80
100
Ambient Temperature (°C)
50
25%
MECHANICAL DRAWING
0.31 (8.0)
0.93 (23.50)
0.04 (1.0)
M3x0.5
3
4
1
2
2.06 (52.40)
1.8 (45.72)
2.04±0.15 (51.8±0.006)
1.80 (45.72)
0.15 (3.8)
0.04 (1.05)
Ø0.16 (Ø4.0)
TOP VIEW
BOTTOM VIEW
0.54 (13.65)
0.16 (4.0)
M3x0.5
Maximum Torque 12 (1.21) [kgf.cm (N.m)]
Tolerance: ±0.02” (±0.5mm)
NOTES
1. Unit: inches (mm)
2. Weight: 1.8oz (51g)
3. Screw terminal options are available (see page 4)
4. All dimensions are for reference only


Similar Part No. - PSAFC-12S-E1A2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAFC-12S WALL-PSAFC-12S Datasheet
159Kb / 3P
   10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAFC-12S-E1A2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRC-12V30W1AX DELTA-DRC-12V30W1AX Datasheet
943Kb / 10P
   Protection Class II, Double Isolation
DRC-5V10W1AZ DELTA-DRC-5V10W1AZ Datasheet
757Kb / 10P
   Protection Class II, Double Isolation
DRC-24V100W1AX DELTA-DRC-24V100W1AX Datasheet
990Kb / 11P
   Protection Class II, Double Isolation
DRC-12V10W1AX DELTA-DRC-12V10W1AX Datasheet
766Kb / 10P
   Protection Class II, Double Isolation
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Inventronics Inc.
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
   150W Class II Programmable IP67 Driver
Rev.C
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Inventronics Inc.
EUD-100SXXXDD INVENTRONICS-EUD-100SXXXDD Datasheet
1Mb / 11P
   100W Class II Programmable IP67 Driver
Rev.C
logo
Laird Tech Smart Techno...
BTM46X LSTD-BTM46X Datasheet
228Kb / 2P
   Enhanced Class II Bluetooth Data Module
logo
Inventronics Inc.
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
   200W Class II Programmable IP67 Driver
Rev. F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com