Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTB45-C1050 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LTB45-C1050
Description  Constant Current LED Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LTB45-C1050 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LTB45-C1050 Datasheet HTML 1Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 2Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 3Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 4Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 5Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 6Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 7Page - PAIRUI GROUP INC. LTB45-C1050 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-1227
www.pairuigroup.com
Page:2/7
PAIRUI ELECTRONICS
NOTE: Other output models are may available on request.
Part
Number
Nominal
Input Voltage
Output Current
Output Voltage
Ripple
Efficiency
Certificate
30W
LTB30-C350
220-240VAC
350mA
(60-86V)
≤5%
91%
CE
LTB30-C500
220-240VAC
500mA
(42-60V)
≤5%
91%
CE
LTB30-C700
220-240VAC
700mA
(30-43V)
≤5%
90%
CE
LTB30-C1050
220-240VAC
1050mA
(20-29V)
≤5%
90%
CE
35W
LTB35-C350
220-240VAC
350mA
(70-100V)
≤5%
92%
CE
LTB35-C500
220-240VAC
500mA
(49-70V)
≤5%
91%
CE
LTB35-C700
220-240VAC
700mA
(35-50V)
≤5%
90%
CE
LTB35-C1050
220-240VAC
1050mA
(23-33V)
≤5%
90%
CE
40W
LTB40-C350
220-240VAC
350mA
(80-114V)
≤5%
92%
CE
LTB40-C500
220-240VAC
500mA
(56-80V)
≤5%
92%
CE
LTB40-C700
220-240VAC
700mA
(40-58V)
≤5%
91%
CE
LTB40-C1050
220-240VAC
1050mA
(27-38V)
≤5%
90%
CE


Similar Part No. - LTB45-C1050

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTB450AL2 TOKEN-LTB450AL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB450AL2P TOKEN-LTB450AL2P Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB450BL2 TOKEN-LTB450BL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB455AL2 TOKEN-LTB455AL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB455BL2 TOKEN-LTB455BL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
More results

Similar Description - LTB45-C1050

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com