Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXU30-C350 Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LXU30-C350
Description  Constant Current LED Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LXU30-C350 Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LXU30-C350 Datasheet HTML 1Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 2Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 3Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 4Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 5Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 6Page - PAIRUI GROUP INC. LXU30-C350 Datasheet HTML 7Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output current accuracy
±5
%
Line regulation
Vin from 100Vac to 240Vac
3
%
Load regulation
Vout from min. to max.
3
%
Output current overshoot
Turning on
10
%
Turn-on delay time
Cold start, power on
1000
ms
Ripple
(Refer to below note)
Default
Models
No Flicker(with suffix “R”)
50%Io
5%Io
mAp-p
mAp-p
THD
Output load≥60%
20
%
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-1102
www.pairuigroup.com
Page:4/6
PAIRUI ELECTRONICS
Protection
NOTE: The values are measured at 20MHz of bandwidth by using a 12'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25℃ at rated input voltage and rated load.
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over
temperature
120-160
It will recover automatically after the temperature goes down


Similar Part No. - LXU30-C350

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LXU35-C1050 PAIRUI-LXU35-C1050 Datasheet
668Kb / 7P
   Constant Current LED Power Supplies
LXU35-C350 PAIRUI-LXU35-C350 Datasheet
668Kb / 7P
   Constant Current LED Power Supplies
LXU35-C500 PAIRUI-LXU35-C500 Datasheet
668Kb / 7P
   Constant Current LED Power Supplies
LXU35-C700 PAIRUI-LXU35-C700 Datasheet
668Kb / 7P
   Constant Current LED Power Supplies
More results

Similar Description - LXU30-C350

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com