Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTB45-C350 Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LTB45-C350
Description  Constant Current LED Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LTB45-C350 Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LTB45-C350 Datasheet HTML 1Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 2Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 3Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 4Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 5Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 6Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 7Page - PAIRUI GROUP INC. LTB45-C350 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INPUT
PRODUCT SPECIFICATION
led power supplies
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input frequency
47
63
Hz
Input current
Full load, Vin=220Vac, 30W
Full load, Vin=220Vac, 35W
Full load, Vin=220Vac, 40W
Full load, Vin=220Vac, 45W
Full load, Vin=220Vac, 50W
0.19
0.21
0.25
0.29
0.29
A
A
A
A
A
Inrush current
Cold start, Vin=230Vac
25
A
Power factor(PF)
Full load, Vin=220Vac
0.94
Surge voltage
L-N
2
KV
Updated 2016-V1.0-1227
www.pairuigroup.com
Page:4/7
PAIRUI ELECTRONICS


Similar Part No. - LTB45-C350

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTB450AL2 TOKEN-LTB450AL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB450AL2P TOKEN-LTB450AL2P Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB450BL2 TOKEN-LTB450BL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB455AL2 TOKEN-LTB455AL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
LTB455BL2 TOKEN-LTB455BL2 Datasheet
342Kb / 3P
   LTB Ceramic Filters for Communication
More results

Similar Description - LTB45-C350

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com