Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMV1-2401 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # DMV1-2401
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV1-2401 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  DMV1-2401 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV1-2401 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV1-2401 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV1-2401 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.pairuigroup.com
Page:
3/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DMV-1 SERIES, 1WATT, 1KVDC, ISOLATED, UNREGULATED
ELECTRICAL
Ripple & noise
Bend width 20MHz
100mVp-p max.
Temperature coefficient
Rated load
±0.03%/
Operating temperature range
---
-40
to +85
Storage temperature range
---
-55
to +125
Short circuit protection
---
1S
MTBF
---
3500KHrs
Weight
---
1.3g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
ISOLATED
TWIN
1
GND
GND
GND
4
+Vin
+Vin
+Vin
5
+Vo
+Vo
+Vo1
6
No Pin
No Pin
0V1
7
0V
0V
+Vo2
8
No Pin
-Vo
0V2
Note:
* Unit is mm(inch).
ELECTRICAL CURVE


Similar Part No. - DMV1-2401

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV10-1211 PAIRUI-DMV10-1211 Datasheet
507Kb / 4P
   DC-DC Converter
DMV10-1211 PAIRUI-DMV10-1211 Datasheet
519Kb / 4P
   DC-DC Conveter
DMV10-1212 PAIRUI-DMV10-1212 Datasheet
507Kb / 4P
   DC-DC Converter
DMV10-1212 PAIRUI-DMV10-1212 Datasheet
519Kb / 4P
   DC-DC Conveter
DMV10-1213 PAIRUI-DMV10-1213 Datasheet
507Kb / 4P
   DC-DC Converter
More results

Similar Description - DMV1-2401

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com