Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTB12-C350 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LTB12-C350
Description  Constant Current LED Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LTB12-C350 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LTB12-C350 Datasheet HTML 1Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 2Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 3Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 4Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 5Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 6Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 7Page - PAIRUI GROUP INC. LTB12-C350 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part
Number
Nominal
Input Voltage
Output Current
Output Voltage
Ripple
Efficiency
Certificate
10W
LTB10-C240
220-240VAC
240mA
(25-42V)
≤5%
89%
CE
LTB10-C350
220-240VAC
350mA
(17-29V)
≤5%
88%
CE
LTB10-C500
220-240VAC
500mA
(12-20V)
≤5%
87%
CE
LTB10-C700
220-240VAC
700mA
(9-15V)
≤5%
87%
CE
12W
LTB12-C240
220-240VAC
240mA
(30-50V)
≤5%
89%
CE
LTB12-C350
220-240VAC
350mA
(20-34V)
≤5%
89%
CE
LTB12-C500
220-240VAC
500mA
(15-24V)
≤5%
88%
CE
LTB12-C700
220-240VAC
700mA
(11-17V)
≤5%
88%
CE
15W
LTB15-C240
220-240VAC
240mA
(37-62V)
≤5%
89%
CE
LTB15-C350
220-240VAC
350mA
(26-42V)
≤5%
89%
CE
LTB15-C500
220-240VAC
500mA
(18-30V)
≤5%
88%
CE
LTB15-C700
220-240VAC
700mA
(13-21V)
≤5%
88%
CE
Updated 2016-V1.0-1227
www.pairuigroup.com
Page:2/7
PAIRUI ELECTRONICS
NOTE: Other output models are may available on request.


Similar Part No. - LTB12-C350

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
LTB YIC-LTB Datasheet
525Kb / 1P
   LIB Series of Ceramic Filter for Communication
logo
Linear Technology
LTB2 LINER-LTB2 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LTB3 LINER-LTB3 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
PAIRUI GROUP INC.
LTB30-C1050 PAIRUI-LTB30-C1050 Datasheet
664Kb / 8P
   Constant Current LED Power Supplies
LTB30-C350 PAIRUI-LTB30-C350 Datasheet
664Kb / 8P
   Constant Current LED Power Supplies
More results

Similar Description - LTB12-C350

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
   Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
   Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
   Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
   Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
   Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
   Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
   Constant Current LED Power Supplies
LNS-75C PAIRUI-LNS-75C Datasheet
688Kb / 10P
   Constant Current LED Power Supplies
LVU60-C1400 PAIRUI-LVU60-C1400 Datasheet
662Kb / 8P
   Constant Current LED Power Supplies
LFU-35C PAIRUI-LFU-35C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com