Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM1-0523 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DSM1-0523
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DSM1-0523 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DSM1-0523 Datasheet HTML 1Page - PAIRUI GROUP INC. DSM1-0523 Datasheet HTML 2Page - PAIRUI GROUP INC. DSM1-0523 Datasheet HTML 3Page - PAIRUI GROUP INC. DSM1-0523 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pairuigroup.com
Page:
2/4
Date: 11/25/2015
* Subject to change without prior notice
DC-DC Converter
SMD-Package
DSM-1 SERIES, 1WATT, 1KVDC, ISOLATED, UNREGULATED
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DSM1-1513
15(13.5~16.5)
12
8.3
83
72%
DSM1-1514
15
6.7
67
72%
DSM1-1521
±5
10
100
70%
DSM1-1524
±15
3.3
33
78%
Notes: Other input and output models may available on request.
ELECTRICAL
Line regulation
---
1.2% max.
Load regulation
10% ~ 100% full load
10%max.
Isolation voltage
Leakage current < 1mA/1min.
1000Vdc min.
Isolation resistance
Test at 500VDC
1000m
Ω min.
Switching frequency
---
100KHz typ.
Ripple and noise
Bend width 20MHz
75mVp-p max.
Temperature coefficient
Rated load
±0.03%/℃ max.
Operating temperature range
---
-40
to +85
Storage temperature range
---
-55
to +125
Short circuit protection
---
1S
MTBF
---
3500KHrs
Weight
---
1.4g
Notes: All the parameters are measured at 25
ambient temperature, humidity < 75%, nominal input voltage,
full load and after warm-up, unless otherwise specified.
MECHANICAL
Single output
CONNECTION
PIN #
SINGLE
DUAL
1
GND
GND
2
+Vin
+Vin
3
NC
NC
4
0V
0V
5
+Vo
-Vo
6
NC
NC
7
NC
+Vo
8
NC
NC
Note:
* Unit is mm(inch).


Similar Part No. - DSM1-0523

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
logo
StarHope
DSM100 SPSEMI-DSM100 Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Cornell Dubilier Electr...
DSM105Q009W075PB CDE-DSM105Q009W075PB Datasheet
432Kb / 4P
   AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
DSM105Q030W075PB CDE-DSM105Q030W075PB Datasheet
432Kb / 4P
   AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
logo
Sanyo Semicon Device
DSM10C SANYO-DSM10C Datasheet
47Kb / 2P
   1.0A Power Rectifier
More results

Similar Description - DSM1-0523

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com