Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30060ADR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL30060ADR2G
Description  High PF Offline Single Stage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30060ADR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCL30060ADR2G Datasheet HTML 3Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 4Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 5Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 6Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 7Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 8Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 9Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 10Page - ON Semiconductor NCL30060ADR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCL30060
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (VCC = 14 V, VHV = 120 V, VFB = 4 V, VCS/ZCD = 0 V, CDRV = 1 nF, RT = 20 kW, for typical values
TJ = 25_C, for min/max values, TJ is – 40_C to 105_C, unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
Test Conditions
CONSTANT ON TIME GENERATOR
Maximum On−Time Feedback Voltage
VFB increasing
VFB(tonMAX)
5.415
5.70
5.985
V
RT Pin Regulation Voltage
VRT(REG)
2.0
V
On−Time Modulation Frequency (Note 6)
fMOD
254
292
325
Hz
On Time Modulation (Note 6)
ton(MOD)
±4
±6
±8
%
DISABLE FUNCTION
RT Disable Current Threshold
IRT Decreasing
IRT(disable)
250
325
400
mA
RT Enable Threshold
VRT increasing
VRT(enable)
380
400
420
mV
RT Pull−Up Current In Disable Mode
IRT(dis)
45
50
55
mA
Disable Blanking
IRT increasing or VDisable
decreasing
tdisable(blank)
6.8
8
9.8
ms
ZERO CURRENT DETECTION
ZCD Arming Threshold
VCS/ZCD Increasing
VZCD(ARM)
225
250
275
mV
ZCD Trigger Threshold
VCS/ZCD Decreasing
VZCD(TRIG)
35
55
90
mV
ZCD Arming Blanking Duration
tARM(blank)
1.7
2.05
2.35
ms
ZCD Propagation Delay
VCS/ZCD stepping from 2.0 V
to 0 V,
dV/dt = 20 V/ms,
VCS/ZCD = VZCD(TRIG) to
VDRV = 10%
tZCD(PROP)
150
170
ns
Input Voltage Excursion
Upper Clamp
Negative Clamp
VCC = 14V, ICS/ZCD = 5 mA
VCC = 14V, ICS/ZCD = −2 mA
VCS/ZCD(MAX)
VCS/ZCD(MIN)
−0.9
12.4
−0.7
0
V
CS/ZCD Open Voltage
VZCD(open)
6.5
V
Pull−up Current Source
ICS/ZCD
0.7
1.0
1.3
mA
Timeout After Last Demagnetization Detection
VCS/ZCD > VILIM2
toff1
toff2
100
1000
200
1250
300
1700
ms
Minimum ZCD Pulse Width
Between VZCD(rising) and
VZCD(falling) to DRV
tSYNC
70
200
ns
CURRENT SENSE
Current Sense Voltage Threshold
TJ = 25_C
TJ = −40_C to 125_C
VILIM1
242.5
238
250
250
257.5
262
mV
Propagation Delay
Step VCS/ZCD 0 V to VILIM1 +
0.1 V to DRV falling edge,
tILIM1
100
200
ns
Leading Edge Blanking Duration
Step VCS/ZCD 0 V to VILIM1 +
0.1 V to DRV falling edge,
tCS(LEB1)
250
325
400
ns
Abnormal Overcurrent Fault Threshold
VILIM2
475
500
525
mV
Fault Propagation Delay
Step VCS/ZCD 0 V to VILIM2 +
0.1 V to DRV falling edge,
tILIM2
125
175
ns
Fault Leading Edge Blanking Duration
Step VCS/ZCD 0 V to VILIM2 +
0.1 V to DRV falling edge,
tCS(LEB2)
90
120
150
ns
Leading Edge Blanking Duration Ratio
tLEB(LEB2)/tLEB1
tLEB(ratio)
0.37
Number of Consecutive Abnormal Current Events to
Enter Fault Mode (Latch mode available on
customer request)
nILIM2
4
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCL30060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060ADR2G ONSEMI-NCL30060ADR2G Datasheet
688Kb / 15P
   High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
NCL30060ADR2G ONSEMI-NCL30060ADR2G Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
More results

Similar Description - NCL30060ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_16 Datasheet
688Kb / 15P
   High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
   PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
   PSR Single-Stage APFC Offline LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com