Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL7701 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FL7701
Description  Smart LED Lamp Driver IC with PFC Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7701 Datasheet(HTML) 2 Page - ON Semiconductor

  FL7701 Datasheet HTML 1Page - ON Semiconductor FL7701 Datasheet HTML 2Page - ON Semiconductor FL7701 Datasheet HTML 3Page - ON Semiconductor FL7701 Datasheet HTML 4Page - ON Semiconductor FL7701 Datasheet HTML 5Page - ON Semiconductor FL7701 Datasheet HTML 6Page - ON Semiconductor FL7701 Datasheet HTML 7Page - ON Semiconductor FL7701 Datasheet HTML 8Page - ON Semiconductor FL7701 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
June 2013
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL7701
• Rev. 1.0.4
FL7701
Smart LED Lamp Driver IC with PFC Function
Features
Digitally Implemented Active PFC Function
(No Additional Circuit Necessary for High PF)
Built-in HV Supplying Circuit: Self Biasing
Application Input Range: 80 V
AC ~ 308 VAC
AOCP Function with Auto-Restart Mode
Built-in Over-Temperature Protection Function
Cycle-by-Cycle Current Limit
Current-Sense Pin Open Protection
Low Operating Current: 0.85 mA (Typical)
Under-Voltage Lockout with 5 V Hysteresis
Programmable Oscillation Frequency
Programmable LED Current
Analog Dimming Function
Soft-Start Function
Precise Internal Reference: ±3%
Applications
LED Lamp for Decorative Lighting
LED Lamp for Low-Power Lighting
Description
The FL7701 LED lamp driver is a simple IC with PFC
function. The special
“adopted digital” technique of the
IC can automatically detect input voltage condition and
send an internal reference signal for achieving high
power factor. When AC input is applied to the IC, PFC
function is automatically enabled. Otherwise, when DC
input is applied to the IC, PFC function is automatically
disabled. The FL7701 does not need a bulk capacitor
(electrolytic capacitor) for supply rail stability, which can
significantly affect to LED lamp system.
Related Resources
 Evaluation Board: FEBFL7701_L30U003A
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FL7701MX
-40°C to +125°C
8-Lead, Small Outline Integrated Circuit (SOIC),
JEDEC MS-012, .150-inch Narrow Body
Tape & Reel


Similar Part No. - FL7701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 8P
   New Products, Tips and Tools for Power and Mobile Applications
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
   Smart LED Lamp Driver IC with PFC Function
More results

Similar Description - FL7701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
   Smart LED Lamp Driver IC with PFC Function
AN-9744 FAIRCHILD-AN-9744 Datasheet
988Kb / 7P
   Smart LED Lamp Driver IC with PFC Function
FLS0116 FAIRCHILD-FLS0116 Datasheet
1Mb / 13P
   MOSFET Integrated Smart LED Lamp Driver IC with PFC Function
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
NXP Semiconductors
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com