Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL6961 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FL6961
Description  Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL6961 Datasheet(HTML) 5 Page - ON Semiconductor

  FL6961 Datasheet HTML 1Page - ON Semiconductor FL6961 Datasheet HTML 2Page - ON Semiconductor FL6961 Datasheet HTML 3Page - ON Semiconductor FL6961 Datasheet HTML 4Page - ON Semiconductor FL6961 Datasheet HTML 5Page - ON Semiconductor FL6961 Datasheet HTML 6Page - ON Semiconductor FL6961 Datasheet HTML 7Page - ON Semiconductor FL6961 Datasheet HTML 8Page - ON Semiconductor FL6961 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL6961 • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. All voltage values, except differential voltage, are given with
respect to GND pin.
Symbol
Parameter
Min.
Max.
Unit
VVCC
DC Supply Voltage
30
V
VHIGH
Gate Driver
-0.3
30.0
V
VLOW
Others (INV, COMP, MOT, CS)
-0.3
7.0
V
VZCD
Input Voltage to ZCD Pin
-0.3
12.0
V
PD
Power Dissipation
660
mW
TJ
Operating Junction Temperature
-40
+150
C
θJA
Thermal Resistance (Junction-to-Air)
150
C/W
θJC
Thermal Resistance (Junction-to-Case)
39
C/W
TSTG
Storage Temperature Range
-65
+150
C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+230
C
ESD
Human Body Model: JESD22-A114
2.5
KV
Machine Model: JESD22-A115
200
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
-40
+125
C


Similar Part No. - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
FL6961 FAIRCHILD-FL6961 Datasheet
390Kb / 11P
   Design Guideline for Single-Stage Flyback AC-DC Converter Using FL6961 for LED Lighting
FL6961MY FAIRCHILD-FL6961MY Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
More results

Similar Description - FL6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com