Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL5160MX Datasheet(PDF) 4 Page - ON Semiconductor

Part # FL5160MX
Description  IGBT and MOSFET AC Phase Cut Dimmer Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL5160MX Datasheet(HTML) 4 Page - ON Semiconductor

  FL5160MX Datasheet HTML 1Page - ON Semiconductor FL5160MX Datasheet HTML 2Page - ON Semiconductor FL5160MX Datasheet HTML 3Page - ON Semiconductor FL5160MX Datasheet HTML 4Page - ON Semiconductor FL5160MX Datasheet HTML 5Page - ON Semiconductor FL5160MX Datasheet HTML 6Page - ON Semiconductor FL5160MX Datasheet HTML 7Page - ON Semiconductor FL5160MX Datasheet HTML 8Page - ON Semiconductor FL5160MX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL5150/60 • 1.0
3
Figure 3. 120 VAC 60 Hz Application with Current Mirror for R1 Lower Power Dissipation (LE Mode Selected)
Table 2.
Typical Values
R1: 2 k
R2: 150 k
RADJ: 0 to 250 k
ROFFSET: 0 to 50 k
RZC Monitor: 1 M
RGATE: 1 k
RSENSE1: 1 M
RSENSE2: 1 M
C1: 100 nF
C2: 2.5 F
C3: 100 nF
CGATE: 22 nF
Z1: 7.5 V
Q1: FDPF33N25
Q2: FDPF33N25
Q3: KSP44
Figure 4. Typical 120 VAC 60 Hz Low Power 3-Wire Application
Table 3.
Typical Values
R1: 30 k
RADJ: 0 to 250 k
R2: 150 k
RZC Monitor: 1 M
RGATE: 1 k
RSENSE1: 1 M
RSENSE2: 1 M
C1: 100 nF
C2: 4.7 F
CGATE: 22 nF
C3: 100 nF
Q1: FDPF33N25
Q2: FDPF33N25
Q3: KSP44
Load Hot
Line Hot
Radj
VDD
DRV Gate
DIM Control
GND
VS
D1
OC Sense1
ZC Monitor
D2
RGATE
C1
Q1
Q2
CGATE
OC Sense2
C2
RZC Monitor
RSENSE1
RSENSE2
R1
R2
Q3
Low power
DIM Mode
Roffset
C3
Z1
Load Hot
Line Hot
Radj
VDD
DRV Gate
DIM Control
GND
VS
D1
OC Sense1
ZC Monitor
RGATE
C1
Q1
Q2
CGATE
OC Sense2
C2
RZC Monitor
RSENSE1
RSENSE2
R1
R2
Q3
Low power
DIM Mode
Neutral
C3
Roffset


Similar Part No. - FL5160MX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL50P7-K120 ETC2-FL50P7-K120 Datasheet
990Kb / 10P
   D-Sub Crimp Steckverbinder
FL50S7-K121 ETC2-FL50S7-K121 Datasheet
990Kb / 10P
   D-Sub Crimp Steckverbinder
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
   FLEXIMARK Plier FL52ERA FL52A
18.12.2018
logo
Faraday Technology
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
FL595 FARADAY-FL595 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
More results

Similar Description - FL5160MX

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7317 LSI-LS7317 Datasheet
66Kb / 4P
   5-SPEED AC MOTOR CONTROLLER / 5-STEP LAMP DIMMER
LS7317 LSI-LS7317_09 Datasheet
204Kb / 4P
   5-SPEED AC MOTOR CONTROLLER / 5-STEP LAMP DIMMER
logo
LinkCom Manufacturing C...
CLB1A010UAEWA1 LINKCOM-CLB1A010UAEWA1 Datasheet
771Kb / 3P
   AC BLE MESH DIMMER
logo
List of Unclassifed Man...
IQS904 ETC2-IQS904 Datasheet
470Kb / 24P
   Single Channel Capacitive Sensor and Controller for Dimmer
logo
ON Semiconductor
FL77904 ONSEMI-FL77904 Datasheet
316Kb / 11P
   Phase-cut Dimmable Compact LED Direct AC Driver
July 2016 Rev. 1.1
logo
Allegro MicroSystems
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
   3-Phase BLDC Controller and MOSFET Driver
logo
Motorola, Inc
MC3PHAC MOTOROLA-MC3PHAC Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Powersem GmbH
PSW1C175PSW1H175 POWERSEM-PSW1C175PSW1H175 Datasheet
121Kb / 2P
   Single Phase AC Controller Modules
PSUT40 POWERSEM-PSUT40 Datasheet
133Kb / 2P
   Three Phase AC Controller Modules
PSUT130 POWERSEM-PSUT130 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com