Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAM2-1223H Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAM2-1223H
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM2-1223H Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAM2-1223H Datasheet HTML 1Page - PAIRUI GROUP INC. DAM2-1223H Datasheet HTML 2Page - PAIRUI GROUP INC. DAM2-1223H Datasheet HTML 3Page - PAIRUI GROUP INC. DAM2-1223H Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-2H SERIES, 2WATT, 6KVDC, ISOLATED, UNREGULATED
FEATURES:
6000Vdc isolation voltage
Single and dual output models
High efficiency, and low ripple & noise
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM2-0511H
5(4.5~5.5)
5
40
400
74%
DAM2-0512H
9
22.2
222
76%
DAM2-0513H
12
16.7
167
76%
DAM2-0514H
15
13.3
133
77%
DAM2-0521H
±5
20
200
75%
DAM2-0522H
±9
11.1
111
76%
DAM2-0523H
±12
8.3
83
76%
DAM2-0524H
±15
6.7
67
76%
DAM2-1211H
12(10.8~13.2)
5
40
400
75%
DAM2-1212H
9
22.2
222
77%
DAM2-1213H
12
16.7
167
75%
DAM2-1214H
15
13.3
133
82%
DAM2-1221H
±5
20
200
73%
DAM2-1222H
±9
11.1
111
72%
DAM2-1223H
±12
8.3
83
79%
DAM2-1224H
±15
6.7
67
80%
DAM2-2411H
24(21.6~26.4)
5
40
400
75%
DAM2-2412H
9
22.2
222
77%
DAM2-2413H
12
16.7
167
78%
DAM2-2414H
15
13.3
133
81%
DAM2-2421H
±5
20
200
75%
DAM2-2422H
±9
11.1
111
78%
DAM2-2423H
±12
8.3
83
79%
DAM2-2424H
±15
6.7
67
79%
Notes: Other input and output models may available on request.


Similar Part No. - DAM2-1223H

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM2-1223 PAIRUI-DAM2-1223 Datasheet
504Kb / 4P
   DC-DC Converter
DAM2-1223 PAIRUI-DAM2-1223 Datasheet
497Kb / 4P
   DC-DC Converter
DAM2-1223F PAIRUI-DAM2-1223F Datasheet
490Kb / 4P
   DC-DC Converter
More results

Similar Description - DAM2-1223H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com