Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAM1-0513F Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAM1-0513F
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM1-0513F Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAM1-0513F Datasheet HTML 1Page - PAIRUI GROUP INC. DAM1-0513F Datasheet HTML 2Page - PAIRUI GROUP INC. DAM1-0513F Datasheet HTML 3Page - PAIRUI GROUP INC. DAM1-0513F Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1F SERIES, 1WATT, 3KVDC, ISOLATED, UNREGULATED
FEATURES:
3000Vdc isolation voltage
Single and dual output models
High efficiency, and low ripple & noise
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM1-0310F
3.3(3.0~3.6)
3.3
30
300
72%
DAM1-0311F
5
20
200
74%
DAM1-0312F
9
11.1
111
72%
DAM1-0313F
12
8.3
83
72%
DAM1-0314F
15
6.7
67
72%
DAM1-0510F
5(4.5~5.5)
3.3
30
300
73%
DAM1-0511F
5
20
200
72%
DAM1-0512F
9
11.1
111
76%
DAM1-0513F
12
8.3
83
79%
DAM1-0514F
15
6.7
67
78%
DAM1-0515F
24
4.1
42
79%
DAM1-0521F
±5
10
100
79%
DAM1-0522F
±9
5.6
56
81%
DAM1-0523F
±12
4.2
42
78%
DAM1-0524F
±15
3.3
33
80%
DAM1-0525F
±24
2.1
21
79%
DAM1-1210F
12(10.8~13.2)
3.3
30
300
73%
DAM1-1211F
5
20
200
71%
DAM1-1212F
9
11.1
111
76%
DAM1-1213F
12
8.3
83
78%
DAM1-1214F
15
6.7
67
79%
DAM1-1215F
24
4.2
42
78%
DAM1-1221F
±5
10
100
78%
DAM1-1222F
±9
5.6
56
81%
DAM1-1223F
±12
4.2
42
79%
DAM1-1224F
±15
3.3
33
80%
DAM1-1225F
±24
2.1
21
80%


Similar Part No. - DAM1-0513F

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM1-0513 PAIRUI-DAM1-0513 Datasheet
627Kb / 4P
   DC-DC Converter
DAM1-0513H PAIRUI-DAM1-0513H Datasheet
509Kb / 4P
   DC-DC Converter
More results

Similar Description - DAM1-0513F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com