Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAE2-1213 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DAE2-1213
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAE2-1213 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DAE2-1213 Datasheet HTML 1Page - PAIRUI GROUP INC. DAE2-1213 Datasheet HTML 2Page - PAIRUI GROUP INC. DAE2-1213 Datasheet HTML 3Page - PAIRUI GROUP INC. DAE2-1213 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page:
4/4
Date: 07/20/2015
DC-DC Converter
SIP-Package
DAE-2 SERIES, 2WATT, 1KVDC, UNREGULATED
NOTES
RECOMMENDED TEST AND APPLICATION CIRCUIT
SINGLE OUTPUT
DUAL OUTPUT
ISOLATED TWIN OUTPUT
CAPACITOR SELECTION
INPUT
VOLTAGE
C1
SINGLE
OUTPUT
C2
DUAL
OUTPUT
C2
ISOLATED TWIN
OUTPUT
C2
5VDC
4.7μF
3.3VDC
4.7μF
±5VDC
4.7μF
5, 5VDC
4.7μF
12VDC
2.2μF
5VDC
4.7μF
±9VDC
2.2μF
9, 9VDC
2.2μF
15VDC
2.2μF
9VDC
2.2μF
±12VDC
1.0μF
12, 12VDC
1.0μF
24VDC
1.0μF
12VDC
1.0μF
±15VDC
0.47μF
15, 15VDC
0.47μF
48VDC
0.47μF
15VDC
1.0μF
±24VDC
0.47μF
24, 24VDC
0.47μF
--
--
24VDC
0.47μF
--
--
--
--


Similar Part No. - DAE2-1213

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAE2-1213 PAIRUI-DAE2-1213 Datasheet
610Kb / 5P
   DC-DC Converter
DAE2-1213F PAIRUI-DAE2-1213F Datasheet
496Kb / 4P
   DC-DC Converter
DAE2-1213F PAIRUI-DAE2-1213F Datasheet
479Kb / 4P
   DC-DC Converter
DAE2-1213H PAIRUI-DAE2-1213H Datasheet
506Kb / 4P
   DC-DC Converter
More results

Similar Description - DAE2-1213

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com