Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAM1-0523H Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAM1-0523H
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM1-0523H Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAM1-0523H Datasheet HTML 1Page - PAIRUI GROUP INC. DAM1-0523H Datasheet HTML 2Page - PAIRUI GROUP INC. DAM1-0523H Datasheet HTML 3Page - PAIRUI GROUP INC. DAM1-0523H Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1H SERIES, 1WATT, 6KVDC, ISOLATED, UNREGULATED
FEATURES:
6000Vdc isolation voltage
Single and dual output models
High efficiency, and low ripple & noise
Operating temperature range -40
to +85
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM1-0511H
5(4.5~5.5)
5
20
200
68%
DAM1-0512H
9
11.1
111
74%
DAM1-0513H
12
8.3
83
68%
DAM1-0514H
15
6.7
67
68%
DAM1-0521H
±5
10
100
70%
DAM1-0522H
±9
5.6
56
71%
DAM1-0523H
±12
4.2
42
68%
DAM1-0524H
±15
3.3
33
72%
DAM1-1211H
12(10.8~13.2)
5
20
200
70%
DAM1-1212H
9
11.1
111
71%
DAM1-1213H
12
8.3
83
74%
DAM1-1214H
15
6.7
67
74%
DAM1-1221H
±5
10
100
70%
DAM1-1222H
±9
5.6
56
70%
DAM1-1223H
±12
4.2
42
70%
DAM1-1224H
±15
3.3
33
69%
DAM1-1511H
15(13.5~16.5)
5
20
200
70%
DAM1-1512H
9
11.1
111
72%
DAM1-1513H
12
8.3
83
72%
DAM1-1514H
15
6.7
67
68%
DAM1-1521H
±5
10
100
70%
DAM1-1522H
±9
5.6
56
72%
DAM1-1523H
±12
4.2
42
72%
DAM1-1524H
±15
3.3
33
70%


Similar Part No. - DAM1-0523H

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM1-0523 PAIRUI-DAM1-0523 Datasheet
627Kb / 4P
   DC-DC Converter
DAM1-0523F PAIRUI-DAM1-0523F Datasheet
489Kb / 4P
   DC-DC Converter
More results

Similar Description - DAM1-0523H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com