Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAM-1 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # DAM-1
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM-1 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  DAM-1 Datasheet HTML 1Page - PAIRUI GROUP INC. DAM-1 Datasheet HTML 2Page - PAIRUI GROUP INC. DAM-1 Datasheet HTML 3Page - PAIRUI GROUP INC. DAM-1 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pairuigroup.com
Page:
4/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1 SERIES, 1WATT, 1KVDC, ISOLATED, UNREGULATED
NOTE
RECOMMENDED TEST AND APPLICATION CIRCUIT
SINGLE OUTPUT
DUAL OUTPUT
TWIN ISOLATED OUTPUT
CAPACITOR SELECTION
INPUT
VOLTAGE
C1
SINGLE
OUTPUT
C2
DUAL
OUTPUT
C2
ISOLATED TWIN
OUTPUT
C2
3.3VDC
4.7μF
3.3VDC
10μF
±5VDC
4.7μF
5, 5VDC
4.7μF
5VDC
4.7μF
5VDC
10μF
±9VDC
2.2μF
9, 9VDC
2.2μF
12VDC
2.2μF
9VDC
4.7μF
±12VDC
1.0μF
12, 12VDC
1.0μF
15VDC
1.0μF
12VDC
2.2μF
±15VDC
0.47μF
15, 15VDC
0.47μF
24VDC
1.0μF
15VDC
1.0μF
±24VDC
0.47μF
24, 24V
DC
0.47μF
--
--
24VDC
0.47μF
--
--
--
--


Similar Part No. - DAM-1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAM-11W1P-1A0N-K87 ITT-DAM-11W1P-1A0N-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DAM-11W1P-NMB-K52 ITT-DAM-11W1P-NMB-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DAM-11W1P-NMC-K52 ITT-DAM-11W1P-NMC-K52 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DAM-11W1P-OL2-K87 ITT-DAM-11W1P-OL2-K87 Datasheet
9Mb / 301P
   D Subminiature Connectors
DAM-11W1S-1A0N-A197 ITT-DAM-11W1S-1A0N-A197 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DAM-1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com