Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAE1-0514 Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # DAE1-0514
Description  DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAE1-0514 Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  DAE1-0514 Datasheet HTML 1Page - PAIRUI GROUP INC. DAE1-0514 Datasheet HTML 2Page - PAIRUI GROUP INC. DAE1-0514 Datasheet HTML 3Page - PAIRUI GROUP INC. DAE1-0514 Datasheet HTML 4Page - PAIRUI GROUP INC. DAE1-0514 Datasheet HTML 5Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.pairuigroup.com
Page:
2/5
Date: 07/20/2015
DC-DC Converter
SIP-Package
DAE-1 SERIES, 1WATT, 1KVDC, UNREGULATED
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAE1-1201
12(10.8~13.2)
5, 5
10
100
72%
DAE1-1202
9, 9
5.5
55
78%
DAE1-1203
12, 12
4
40
78%
DAE1-1204
15, 15
3.3
33
80%
DAE1-1205
24, 24
2.1
21
72%
DAE1-1510
15(13.5~16.5)
3.3
30
300
72%
DAE1-1511
5
20
200
72%
DAE1-1512
9
11
110
74%
DAE1-1513
12
8.3
83
76%
DAE1-1514
15
6.8
68
75%
DAE1-1515
24
4.2
42
72%
DAE1-1520
±3.3
15
150
72%
DAE1-1521
±5
10
100
72%
DAE1-1522
±9
5.5
55
74%
DAE1-1523
±12
4
40
76%
DAE1-1524
±15
3.3
33
79%
DAE1-1525
±24
2.1
21
78%
DAE1-1501
5, 5
10
100
72%
DAE1-1502
9, 9
5.5
55
78%
DAE1-1503
12, 12
4
40
78%
DAE1-1504
15, 15
3.3
33
80%
DAE1-1505
24, 24
2.1
21
72%
DAE1-2410
24(21.6~26.4)
3.3
30
300
72%
DAE1-2411
5
20
200
73%
DAE1-2412
9
11
110
75%
DAE1-2413
12
8.3
83
78%
DAE1-2414
15
6.8
68
79%
DAE1-2415
24
4.2
42
78%
DAE1-2420
±3.3
15
150
72%
DAE1-2421
±5
10
100
73%
DAE1-2422
±9
5.5
55
79%
DAE1-2423
±12
4
40
80%
DAE1-2424
±15
3.3
33
80%
DAE1-2425
±24
2.1
21
81%
DAE1-2401
5, 5
10
100
71%


Similar Part No. - DAE1-0514

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAE1-0514 PAIRUI-DAE1-0514 Datasheet
611Kb / 5P
   DC-DC Converter
DAE1-0514F PAIRUI-DAE1-0514F Datasheet
505Kb / 4P
   DC-DC Converter
DAE1-0514F PAIRUI-DAE1-0514F Datasheet
484Kb / 4P
   DC-DC Converter
DAE1-0514G PAIRUI-DAE1-0514G Datasheet
526Kb / 4P
   DC-DC Converter
DAE1-0514H PAIRUI-DAE1-0514H Datasheet
367Kb / 3P
   DC-DC Converter
More results

Similar Description - DAE1-0514

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com