Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGL300W Datasheet(PDF) 2 Page - Nova Electric. All Rights Reserved.

Part # CGL300W
Description  PURE SINEWAVE INVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVA [Nova Electric. All Rights Reserved.]
Direct Link  https://novaelectric.com/
Logo NOVA - Nova Electric. All Rights Reserved.

CGL300W Datasheet(HTML) 2 Page - Nova Electric. All Rights Reserved.

  CGL300W Datasheet HTML 1Page - Nova Electric. All Rights Reserved. CGL300W Datasheet HTML 2Page - Nova Electric. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
ELECTRICAL
PROTECTIVE FEATURES
ENVIRONMENTAL
MODEL SELECTION
Input: 12VDC; 24VDC Nominal
Output for 110V Models: 110/120VAC
Output for 230V Models: 230/240VAC
Frequency: 50 or 60Hz factory selectable
Accury: +/- 0.05%
Power Rating Continuous: 300W/350VA
Surge Rating: 400W/480VA
Peak Output Current 120V Models: 3.3A
Peak Output Current 240V Models: 1.66A
Efficiency (full load): 110V model 83%
Efficiency (full load): 220V model 90%
No Load Current: 0.25 MAX
Output Waveform: Sinewave <5% THD
Output Regulation: +/- 5% all models
Isolation: 100m ohms / 500 VDC
Operating Temp.: -20° to +50°C
Storage Temp. Range: -40° to +71°C
Humidity: To 95% non-condensing
Microprocessor based design with absolutely
accurate and stable frequency
Compact and lightweight, yet rugged and
vehicle rated
Tightly regulated output voltage and frequency
Capable of driving highly reactive loads such as
electric tools and appliances
Capable of driving highly capacitive loads such
as switching power supplies
Very low harmonic distortion, THD < 4%
Suitable for vehicle or wall mounting
Sinewave performance at modified sinewave
prices
CE Approved
FEATURES
Overload
Shortcircuit
Reverse polarity (fuse)
Overtemperature
Over/under input voltage
Fan failure
230V MODELS
50 or 60 Hz
INPUT
(VDC)
10.5 - 15V
CGL300W-12-110
CGL300W-12-230
9.33 x 6.10 x 2.83
7.7 LB
21-30V
CGL300W-24-110
CGL300W-24-230
9.33 x 6.10 x 2.83
7.7 LB
110V MODELS
50 or 60 Hz
DIMENSIONS
L x W x H (Inches)
WEIGHT
SPECIFICATION
110V MODELS
230V MODELS
EMI CONDUCTION AND RADIATION
Compliance to FCC class B
Compliance to En55022 class B
3
,
2
-
3
-
0
0
0
1
6
N
E
o
t
e
c
n
a
i
l
p
m
o
C
-
Y
T
I
N
U
M
M
I
S
M
E
1
-
0
5
9
0
6
N
E
o
t
e
c
n
a
i
l
p
m
o
C
-
D
V
L
C
E
/
4
5
/
5
9
,
C
E
E
/
5
4
2
/
2
7
*
3
1
-
e
o
t
e
c
n
a
i
l
p
m
o
C
-
K
R
A
M
-
e
TYPICAL MECHANICAL SPECIFICATIONS
TYPICAL MECHANICAL SPECIFICATIONS
A Division of
TECHNOLOGY DYNAMICS, INC.
100 School St., Bergenfield NJ 07621
WEB ::
www.novaelectric.com
www.novaelectric.com
E-Mail :
novasales@theallpower.com
PHONE : (201) 385-0500 FAX : (201) 385-0702
NOVA ELECTRIC
PURE SINEWAVE DC-AC INVERTER


Similar Part No. - CGL300W

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGL3K NOVA-CGL3K Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
CGL3K-12-120 NOVA-CGL3K-12-120 Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
CGL3K-12-220 NOVA-CGL3K-12-220 Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
CGL3K-24-120 NOVA-CGL3K-24-120 Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
CGL3K-24-220 NOVA-CGL3K-24-220 Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
More results

Similar Description - CGL300W

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
CGL2K NOVA-CGL2K Datasheet
408Kb / 2P
   PURE SINEWAVE INVERTER
CGL600W NOVA-CGL600W Datasheet
188Kb / 2P
   PURE SINEWAVE INVERTER
CGL1.5K NOVA-CGL1.5K Datasheet
243Kb / 2P
   PURE SINEWAVE INVERTER
CGL3K NOVA-CGL3K Datasheet
411Kb / 2P
   PURE SINEWAVE INVERTER
GH5060-240 NOVA-GH5060-240 Datasheet
231Kb / 2P
   Pure Sinewave Output
CGP1K NOVA-CGP1K Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-120 NOVA-GH5060-120 Datasheet
454Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGP700W NOVA-CGP700W Datasheet
480Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
GH5060-72 NOVA-GH5060-72 Datasheet
470Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
CGD1.5K NOVA-CGD1.5K Datasheet
576Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com