Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAGF-10 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAGF-10
Description  Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAGF-10 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAGF-10 Datasheet HTML 1Page - Wall Industries,Inc. PSAGF-10 Datasheet HTML 2Page - Wall Industries,Inc. PSAGF-10 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/17/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 3
PSAGF-10 Series
10 Watt, Single Output
Encapsulated PCB Mount
AC/DC Switching Power Supply
Rev. B
FEATURES
● Single Output
● Meets IEC61140 Safety Class II
● 3000VAC I/O Isolation
● IEC / EN / UL 60950-1 Safety Standards
● MTBF > 300,000 Hours
● 90~264VAC, 47~440Hz Universal Input Range
● High Efficiency up to 76%
● Operating Temperature to +71°C (Refer to Derating Curve)
● EMC Complies with EN61000
● EMI Complies with EN55022 Class B and FCC part 15, level B
DESCRIPTION
The PSAGF-10 series of AC/DC power supplies offers 10 Watts of output power in an encapsulated design. This series has single output
models with a universal input range of 90 ~264VAC. Other features include continuous short circuit protection, over voltage protection, and
output current limitation. EMC meets EN61000-4 (-2,-3,-4) and EMI meets EN55022 level B conducted noise. The compliance to these EMI
specifications minimizes system design time, cost, and eliminates the need for external filter components. The PSAGF-10 series has IEC /
EN / UL 60950-1 safety approvals which qualifies this product for worldwide markets. This series has a wide variety of applications
including both commercial and industrial with a MTBF of 330,000 hours.
SPECIFICATIONS: PSAGF-10 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATIONS
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
440
Hz
115VAC
15
A
Inrush Current
cold start at 25°C
230VAC
30
A
External Input Fuse (Recommended)
1.5A Slow – Blow Type
OUTPUT (Vo)
Output Voltage
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Load Regulation
Io = min. to max.
±0.5
±1.0
%
Line Regulation
Vin = min. to max.
±0.5
±1.0
%
Output Power
See Table
Output Current
See Table
Minimum load
10% of Io
3.3VDC & 5VDC Output Models
1.5
1.8
% Vp-p
Ripple & Noise (20MHz BW)
Other Output Models
0.8
1.0
% Vp-p
Overshoot
5.0
%
Hold-up Time
115VAC, 60Hz
15
ms
PROTECTION
Over Voltage Protection
Zener diode clamp
120
% of Vo
Current Limitation
85VAC, Hiccup technique, auto-recovery
105
%
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
GENERAL
Efficiency
See Table
Switching Frequency
125
KHz
Isolation Voltage
Input to output, 60 seconds
3000
VAC
Isolation Test Voltage
Input to output, flash tested for 1 second
4700
VDC
Isolation Resistance
500VDC
100
MΩ
ENVIRONMENTAL
Operating Temperature
Ambient
-25
+71
°C
Storage Temperature
-40
+85
°C
Humidity
95
%
Cooling
free air convection
Temperature Coefficient
All Outputs
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
330,000 hours
PHYSICAL
Weight
Approximately 1.90oz (54g)
Dimensions (L x W x H)
2.06 x 1.07 x 0.93 inches
52.4 x 27.2 x 23.5 mm
Flammability
UL94V-0
Case Material
Plastic resin and Fiberglass
SAFETY
Safety Approvals
IEC / EN / UL 60950-1
Conducted EMI
EN55022 Class B
Conducted EMC
EN61000-4-2, EN61000-4-3, EN61000-4-4


Similar Part No. - PSAGF-10

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
PSA SENSATA-PSA Datasheet
437Kb / 3P
   2 TO 35 AMP PRECISION THERMAL CIRCUIT BREAKER
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
PSA-0012++ MINI-PSA-0012+ Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
PSA-0012-D MINI-PSA-0012-D Datasheet
296Kb / 6P
   Monolithic Amplifier Die
PSA-0012-D++ MINI-PSA-0012-D+ Datasheet
296Kb / 6P
   Monolithic Amplifier Die
More results

Similar Description - PSAGF-10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com