Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB48S20-300 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # FB48S20-300
Description  Very Low Output Ripple
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

FB48S20-300 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  FB48S20-300 Datasheet HTML 1Page - Wall Industries,Inc. FB48S20-300 Datasheet HTML 2Page - Wall Industries,Inc. FB48S20-300 Datasheet HTML 3Page - Wall Industries,Inc. FB48S20-300 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/17/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
FB Series
250~300 Watt
Single Output
Full Brick DC/DC Converter
In Development
OPTIONAL CHASSIS MOUNT VERSION (Call factory for ordering details)
Unit: inches [mm]
3.40 [86.4]
8.00 [203.2]
.000 [0.00]
3.500 [88.90]
7.000 [177.80]
2.875 [73.03]
.000 [0.00]
Ø.143 [3.6] MOUNTING HOLES 6X
GROUNDED 6-PLACES
Ø.28 [7.1] 6X
UNIT THRU HOLE Ø.125 [3.2] 6X REF
PCB THRU HOLE Ø.140 [3.6] 6X REF
TERMINAL SCREW .136 (NO:6)-32UNC 9X
+INPUT
SD
SYNC
-INPUT
+OUTPUT
+S
-S
-OUTPUT
TRIM
DATE CODE
SERIAL NO:
LABEL
.50 [12.7]


Similar Part No. - FB48S20-300

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
FB48S24-25 DATEL-FB48S24-25 Datasheet
111Kb / 1P
   Full-Brick, 600-Watt, 24 Volts Output
FB48S24-25 DATEL-FB48S24-25 Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
FB48S28-21.5 DATEL-FB48S28-21.5 Datasheet
111Kb / 1P
   Full-Brick, 600-Watt, 28 Volts Output
FB48S28-21.5 DATEL-FB48S28-21.5 Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
More results

Similar Description - FB48S20-300

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HZA CDE-HZA Datasheet
777Kb / 7P
   Very Low ESR and High Ripple Current
logo
Astec America, Inc
AV60C ASTEC-AV60C Datasheet
304Kb / 2P
   Low output ripple and noise
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Micro Linear Corporatio...
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
   Adjustable Output, Low Ripple Boost Regulator
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Powerbox
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
logo
Vicor Corporation
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
   QPO-2L Low Voltage Output Ripple Attenuator
QPO-2 VICOR-QPO-2 Datasheet
370Kb / 11P
   QPO-2 Low Voltage Output Ripple Attenuator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com