Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA12S15-300 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # FA12S15-300
Description  Operation to No Load
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

FA12S15-300 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  FA12S15-300 Datasheet HTML 1Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 2Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 3Page - Wall Industries,Inc. FA12S15-300 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
06/29/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
FA Series
250-300 Watt
Single Output
Full Brick DC/DC Converter
Rev D
MECHANICAL DRAWING
Unit: inches [mm]
SEE NOTE-1&3
STANDOFFS ONLY
PIN LENGTH FROM
.20 MIN [5.1 MIN]
TO STANDOFFS ONLY
HEATSINK SUPPLIED ATTACHED WITH
THERMAL INTERFACE MATERIAL.
HEATSINK HAS
±.005
Ø.120
±0.13
Ø3.05
THRU HOLE 6X
.02 [0.4] 6X REF
COVER TO STANDOFF
.84±.04 [21.3±1.0]
2
1
SERIAL NO:
DATE CODE
LABEL
NONMETALLIC INSULATOR 2X
.015 [0.38]
SEE NOTE-1&3
STANDOFFS ONLY
PIN LENGTH FROM
.20 MIN [5.1 MIN]
TO STANDOFFS ONLY
3
4
5
7
8
9
6
.000 [0.00]
.400 [10.16]
.700 [17.78]
1.000 [25.40]
1.400 [35.56]
1.800 [45.72]
3.600 [91.44]
4.200 [106.68]
.35 [8.9]
.50 [12.7]
+.03
.50 -.00
-0.0
+0.8
12.7
117.0
+.02
4.60 -.03
+0.5
-0.8
SEE NOTE-4
DOT DENOTES
PIN-1
.02 [0.4] 6X REF
COVER TO STANDOFF
+.02
.30 -.03
-0.6
+0.5
7.6
NOTES:
1. PIN TO PIN TOLERANCE ± .01 [±0.3],
PIN DIAMETER TOLERANCE: ±.005 [±0.13].
2. CASE MATERIAL: .040 [1.02] THICK, ALUMINUM ALLOY 3003-0,
PER: QQA 250/2.
3. UNLESS OTHERWISE SPECIFIED.
TO ORDER:
4. UNIT COMES WITH EITHER 3M x 0.5 THREADED
THRU INSERTS OR FOR Ø.125 THRU-HOLE ADD:
“TH” SUFFIX TO MODEL PART NUMBER.
EXAMPLE: FA12S24-300TH
5. FOR HEAT SINK ADD: “HS” SUFFIX TO MODEL
PART NUMBER. EXAMPLE: FA12S24-300HS.
6. OPTIONAL CHASSIS MOUNT VERSION
AVAILABLE (SEE CMFA SERIES).
PIN DESIGNATION
PIN Ø
1
+OUT
Ø.081 [2.06]
2
+SENSE
Ø.040 [1.02]
3
TRIM
Ø.040 [1.02]
4
-SENSE
Ø.040 [1.02]
5
-OUT
Ø.081 [2.06]
6
+IN
Ø.081 [2.06]
7
SD
Ø.040 [1.02]
8
SYNC
Ø.040 [1.02]
9
-IN
Ø.081 [2.06]
SEE NOTE 5
HEATSINK
STANDARD


Similar Part No. - FA12S15-300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
   300W DC-DC Converter
More results

Similar Description - FA12S15-300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
   Zero load current operation
April 2011 Rev 1
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
   Zero load current operation
November 2010 Rev 9
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
   Zero load current operation
June 2014 Rev 2
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
   Very high efficiency at light load thanks to pulse skipping operation
April 2013 Rev 2
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
logo
Artesyn Technologies
AVO100-48S28B-6L ARTESYN-AVO100-48S28B-6L Datasheet
1Mb / 3P
   No minimum load requirement
logo
Delta Electronics, Inc.
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
SynQor Worldwide Headqu...
PQ60120QEA25 SYNQOR-PQ60120QEA25 Datasheet
2Mb / 14P
   No minimum load requirement
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com