Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHW24S5-50 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DHW24S5-50
Description  50 Watt DC/DC Power Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DHW24S5-50 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DHW24S5-50 Datasheet HTML 1Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 2Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 3Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 4Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 5Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 6Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 7Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 8Page - Wall Industries,Inc. DHW24S5-50 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev D
DHW50 SERIES
50 Watt DC/DC Power Converters
05/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 13
Standard Models
Size: 2.00 x 1.00 x 0.43 inches (50.8 x 25.4 x 11.0 mm)
Heatsink Models (Suffix “HS”)
Size: 2.00 x 1.22 x 0.71 inches (50.8 x 31.0 x 18.0 mm)
FEATURES
RoHS & UL 94V-0 Compliant
Smallest Encapsulated 50W Converter
4:1 Wide Input Voltage Ranges
Single Outputs
Remote ON/OFF Control
1500VDC I/O Isolation
High Efficiency up to 92%
Under Voltage Lockout (UVLO)
No Minimum Load Requirements
Trimmable Output Voltage
Shielded Metal Case with Isolated Base-plate
Over Load, Short Circuit, Over Voltage, & Over
Temperature Protection
-40°C to +80°C Operating Temperature Range
CSA/UL/IEC/EN 60950-1 Safety Approvals
Heatsink (Optional)
DESCRIPTION
The DHW50 series is the latest generation of high performance DC/DC converters
setting a new standard concerning power density. These converters offer 50 Watts of
continuous output power in a 2.0” x 1.0” x 0.43” encapsulated, shielded metal package.
All models have a 2:1 wide input voltage range and a precisely regulated single output.
Advanced circuit topology provides a very high efficiency up to 92% and an operating
temperature range of -40°C to +80°C. Further features include remote on/off, trimmable
output voltage, under voltage lockout as well as over load, over voltage, short circuit,
and over temperature protection. These converters are RoHS compliant and are ideal
for use in battery operated equipment, instrumentation, distributed power architectures
in communication and industrial electronics and many other space critical applications.
MODEL SELECTION TABLE
Model Number Input Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple Current
Over Voltage
Protection
Output
Power
Efficiency
Maximum
Capacitive Load
Min
Max
No Load Max Load
DHW24S3.3-33
24 VDC
(9 - 36 VDC)
3.3 VDC
0mA
10A
80mA
1528mA
40mA
3.9 VDC
33W
90%
26,000µF
DHW24S5-50
5 VDC
0mA
10A
60mA
2290mA
6.2 VDC
50W
91%
17,000µF
DHW24S12-50
12 VDC
0mA
4.17A
80mA
2267mA
15 VDC
50W
92%
3,000µF
DHW24S15-50
15 VDC
0mA
3.33A
80mA
2263mA
18 VDC
50W
92%
2,000µF
DHW24S24-50
24 VDC
0mA
2.08A
80mA
2286mA
30 VDC
50W
91%
750µF
DHW48S3.3-33
48 VDC
(18 - 75 VDC)
3.3 VDC
0mA
10A
40mA
764mA
30mA
3.9 VDC
33W
90%
26,000µF
DHW48S5-50
5 VDC
0mA
10A
30mA
1145mA
6.2 VDC
50W
91%
17,000µF
DHW48S12-50
12 VDC
0mA
4.17A
60mA
1134mA
15 VDC
50W
92%
3,000µF
DHW48S15-50
15 VDC
0mA
3.33A
60mA
1134mA
18 VDC
50W
92%
2,000µF
DHW48S24-50
24 VDC
0mA
2.08A
50mA
1143mA
30 VDC
50W
91%
750µF


Similar Part No. - DHW24S5-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DHW24S5-26-HS WALL-DHW24S5-26-HS Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DHW24S5-26-HS1 WALL-DHW24S5-26-HS1 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DHW24S5-40 WALL-DHW24S5-40 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DHW24S5-40-HS WALL-DHW24S5-40-HS Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
DHW24S5-40-HS1 WALL-DHW24S5-40-HS1 Datasheet
796Kb / 12P
   40 Watts DC/DC Power Converter Single & Dual Outputs
More results

Similar Description - DHW24S5-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH50 WALL-DH50 Datasheet
2Mb / 11P
   50 Watt DC/DC Power Converters
logo
Power-One
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
logo
Tumbler Technologies + ...
PD65-10 TRUMPOWER-PD65-10 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
PD65 TRUMPOWER-PD65 Datasheet
218Kb / 3P
   50-65 WATT DC TO DC CONVERTERS
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com