Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SABC161RI-L16M Datasheet(PDF) 43 Page - Siemens Semiconductor Group

Part # SABC161RI-L16M
Description  16-Bit CMOS Single-Chip Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SABC161RI-L16M Datasheet(HTML) 43 Page - Siemens Semiconductor Group

Back Button SABC161RI-L16M Datasheet HTML 39Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 40Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 41Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 42Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 43Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 44Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 45Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 46Page - Siemens Semiconductor Group SABC161RI-L16M Datasheet HTML 47Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Semiconductor Group
43
1998-05-01
C161RI
Testing Waveforms
Figure 12
Input Output Waveforms
Figure 13
Float Waveforms
AC inputs during testing are driven at 2.4 V for a logic ‘1’ and 0.45 V for a logic ‘0’.
Timing measurements are made at
V
IH min for a logic ‘1’ and VIL max for a logic ‘0’.
For timing purposes a port pin is no longer floating when a 100 mV change from load
voltage occurs, but begins to float when a 100 mV change from the loaded
V
OH/VOL level occurs
(
I
OH/IOL = 20 mA).


Similar Part No. - SABC161RI-L16M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SABC165-L25F INFINEON-SABC165-L25F Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SABC165-L25M INFINEON-SABC165-L25M Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SABC165-LF INFINEON-SABC165-LF Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SABC165-LF3V INFINEON-SABC165-LF3V Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
SABC165-LM INFINEON-SABC165-LM Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results

Similar Description - SABC161RI-L16M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
C161V SIEMENS-C161V Datasheet
791Kb / 43P
   16-Bit CMOS Single-Chip Microcontroller
C167CR SIEMENS-C167CR Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C166 INFINEON-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
Data Sheet 09.94
logo
Siemens Semiconductor G...
C161RI SIEMENS-C161RI_1 Datasheet
2Mb / 317P
   16-Bit CMOS Single-Chip Microcontroller
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
logo
Siemens Semiconductor G...
SAB80C166 SIEMENS-SAB80C166 Datasheet
541Kb / 52P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
C164CI INFINEON-C164CI Datasheet
611Kb / 53P
   16-bit CMOS Single-Chip Microcontroller
1998-02
logo
Siemens Semiconductor G...
C167SR SIEMENS-C167SR Datasheet
680Kb / 66P
   16-Bit CMOS Single-Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com