Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT3808 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT3808
Description  1 MHz to 80 MHz High Performance MEMS VCXO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3808 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT3808 Datasheet HTML 1Page - SiTime Corp. SIT3808 Datasheet HTML 2Page - SiTime Corp. SIT3808 Datasheet HTML 3Page - SiTime Corp. SIT3808 Datasheet HTML 4Page - SiTime Corp. SIT3808 Datasheet HTML 5Page - SiTime Corp. SIT3808 Datasheet HTML 6Page - SiTime Corp. SIT3808 Datasheet HTML 7Page - SiTime Corp. SIT3808 Datasheet HTML 8Page - SiTime Corp. SIT3808 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT3808
1 MHz to 80 MHz High Performance MEMS VCXO
Rev. 1.01
Page 5 of 11
www.sitime.com
Timing Diagram
Figure 7. Startup Timing (OE/ST Mode)
Figure 8. Standby Resume Timing (ST Mode Only)
u
Figure 9. OE Enable Timing (OE Mode Only)
Figure 10. OE Disable Timing (OE Mode Only)
Notes:
13. SiT3808 supports “no runt” pulses and “no glitch” output during startup or resume.
14. SiT3808 supports gated output which is accurate within rated frequency stability from the first cycle.
80% Vdd, 2.5/2.8/3.3V devices
80% Vdd, 1.8V devices
Vdd
Pin 4 Voltage
CLK Output
T_start
T_start: Time to start from power-off
No Glitch
during start up
50% Vdd
Vdd
ST Voltage
CLK Output
T_resume
T_resume: Time to resume from ST
50% Vdd
Vdd
OE Voltage
CLK Output
T_oe
T_oe: Time to re-enable the clock output
50% Vdd
Vdd
OE Voltage
CLK Output
T_oe: Time to put the output in High Z mode
HZ
T_oe


Similar Part No. - SIT3808

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT3807 SITIME-SIT3807 Datasheet
629Kb / 16P
   Standard Frequency MEMS VCXO
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
More results

Similar Description - SIT3808

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
Vectron International, ...
MO-9100A VECTRON-MO-9100A Datasheet
269Kb / 5P
   1-80 MHz High Performance Oscillator
logo
SiTime Corp.
SIT5001 SITIME-SIT5001 Datasheet
755Kb / 12P
   1-80 MHz MEMS TCXO and VCTCXO
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
logo
SiTime Corp.
SIT3372 SITIME-SIT3372 Datasheet
443Kb / 13P
   1 MHz to 220 MHz Ultra-low Jitter Differential VCXO
logo
MMD Components
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
   MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM840B MMD-IM840B Datasheet
414Kb / 7P
   Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
RF Monolithics, Inc
XVC5002 RFM-XVC5002 Datasheet
438Kb / 3P
   122.88 MHz VCXO
logo
Integrated Device Techn...
ICS726A IDT-ICS726A_10 Datasheet
168Kb / 7P
   12 TO 36 MHZ 6TSOT VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com