Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8720 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8720 Datasheet HTML 1Page - Monolithic Power Systems MP8720 Datasheet HTML 2Page - Monolithic Power Systems MP8720 Datasheet HTML 3Page - Monolithic Power Systems MP8720 Datasheet HTML 4Page - Monolithic Power Systems MP8720 Datasheet HTML 5Page - Monolithic Power Systems MP8720 Datasheet HTML 6Page - Monolithic Power Systems MP8720 Datasheet HTML 7Page - Monolithic Power Systems MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
4
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, 3V3 = 3.3V, TJ = 25°C, RMODE = 0Ω, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
3V3 supply current
I3V3
VEN = 3V, VFB = 0.65V, no
load
140
230
µA
3V3 shutdown current
I3V3 SDN
VEN = 0V, no load
1
µA
MOSFET
High-side switch on resistance
HSRDS-ON
TJ = 25°C
19
mΩ
Low-side switch on resistance
LSRDS-ON
TJ = 25°C
7
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side valley current limit
ILIMIT
CLM = 0Ω
8.5
A
CLM = 90kΩ
9
10
11
A
CLM = 150kΩ
13
A
CLM = float
16.5
A
Switching Frequency and Minimum Off Time
Switching frequency
Fs
700
kHz
Constant on timer
TON
VIN = 5V, VOUT = 1.8V
430
515
600
ns
Minimum on time
(6)
TON MIN
70
ns
Minimum off time
(6)
TOFF MIN
240
ns
Protection
OVP threshold
VOVP
125
130
135
%VREF
UVP-1 threshold
VUVP-1
70
75
80
%VREF
UVP-1 foldback timer
(6)
TUVP-1
30
µs
UVP-2 threshold
VUVP-2
45
50
55
%VREF
Reference and Soft Start, Soft Stop
Reference voltage
VREF
594
600
606
mV
Feedback current
IFB
VFB = 0.62V
10
50
nA
Soft-start time
TSStart
EN to PG up
1.8
2.2
2.6
ms
MODE
Mode source current
IMODE
9
10
11.4
μA
Enable and UVLO
En rising threshold
VEN TH
1.12
1.22
1.32
V
En hysteresis
VEN-HYS
125
mV
Enable input current
IEN
VEN = 2V
5
μA
VEN = 0V
1
VCC under-voltage lockout
threshold rising
VCCVth
2.9
3.0
3.1
V
VCC under-voltage lockout
threshold hysteresis
VCCHYS
220
mV
VIN under-voltage lockout
threshold rising
VINVTH
4.2
4.4
V
VIN under-voltage lockout
threshold hysteresis
VINHYS
360
mV


Similar Part No. - MP8720

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
MP8725EL MPS-MP8725EL Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
   21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
MP8726EL MPS-MP8726EL Datasheet
481Kb / 14P
   21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8720

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5385 GMT-G5385 Datasheet
125Kb / 1P
   High Efficiency 10A Synchronous Buck Converter
G5310 GMT-G5310 Datasheet
63Kb / 1P
   High Efficiency 10A Synchronous Buck Converter
G5309 GMT-G5309 Datasheet
60Kb / 1P
   High Efficiency 10A Synchronous Buck Converter
G5335 GMT-G5335 Datasheet
58Kb / 1P
   High Efficiency 10A Synchronous Buck Converter
logo
Linear Technology
LTC3779 LINER-LTC3779 Datasheet
1Mb / 12P
   High Voltage, High Efficiency 48V/10A Synchronous Buck-Boost Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5330A GMT-G5330A Datasheet
59Kb / 1P
   High Efficiency 10A Synchronous Buck Converter for 5V System Power
logo
Monolithic Power System...
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
   26V, 8A High Current, Low IQ Synchronous Buck Converter
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
   26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
   26V, 6A High Current, Low IQ Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com