Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8714 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8714 Datasheet HTML 1Page - Monolithic Power Systems MP8714 Datasheet HTML 2Page - Monolithic Power Systems MP8714 Datasheet HTML 3Page - Monolithic Power Systems MP8714 Datasheet HTML 4Page - Monolithic Power Systems MP8714 Datasheet HTML 5Page - Monolithic Power Systems MP8714 Datasheet HTML 6Page - Monolithic Power Systems MP8714 Datasheet HTML 7Page - Monolithic Power Systems MP8714 Datasheet HTML 8Page - Monolithic Power Systems MP8714 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
3
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN..................................................-0.3V to 19V
VSW.................................... -0.6V (-6V for <10ns)
to 20V (24V for <10ns)
VBST ................................................... VSW + 5.5V
All other pins ............................. -0.3V to 5.5V
(2)
Continuous power dissipation (TA = +25°C)
(3)
QFN-14 (3mmx4mm)................................. 2.6W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature.................. -65°C to 150°C
Recommended Operating Conditions
(4)
Supply voltage (VIN)........................4.5V to 17V
Output voltage (VOUT) ........................... 0.6V to
VIN x DMAX or 5.5V
(5)
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(6)
θJA
θJC
QFN-14 (3mmx4mm)............. 48....... 11... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) For details of EN/SYNC’s ABS MAX rating, please refer to the
Enable/SYNC Control section on page 13.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) The output voltage cannot exceed the 5.5V absolute
maximum value at any input condition.
6) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP8714

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8714GLE MPS-MP8714GLE Datasheet
396Kb / 6P
   High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MP8714

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
   High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
   17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2229 MPS-MP2229 Datasheet
2Mb / 22P
   High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
   High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
   High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
MP8772 MPS-MP8772 Datasheet
1Mb / 23P
   12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
MP2269 MPS-MP2269 Datasheet
1Mb / 19P
   3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
   High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com