Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8714 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8714
Description  High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8714 Datasheet HTML 12Page - Monolithic Power Systems MP8714 Datasheet HTML 13Page - Monolithic Power Systems MP8714 Datasheet HTML 14Page - Monolithic Power Systems MP8714 Datasheet HTML 15Page - Monolithic Power Systems MP8714 Datasheet HTML 16Page - Monolithic Power Systems MP8714 Datasheet HTML 17Page - Monolithic Power Systems MP8714 Datasheet HTML 18Page - Monolithic Power Systems MP8714 Datasheet HTML 19Page - Monolithic Power Systems MP8714 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP8714 – 17V, 10A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8714 Rev.1.0
www.MonolithicPower.com
17
12/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
C2
C3
C4
R5
4
56
13
12
11
1
14
10
3
7
2
8
9
C1
L1
R2
Figure 7: Recommended Layout
Design Example
Table 2 is a design example following the
application guidelines for the specifications
below.
Table 2: Design Example
VIN
12V
VOUT
1V
IOUT
10A
The detailed application schematics are shown
in Figure 8 through Figure 13. The typical
performance and circuit waveforms are shown
in the Typical Performance Characteristics
section. For more device applications, please
refer to the related evaluation board datasheets.


Similar Part No. - MP8714

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8714GLE MPS-MP8714GLE Datasheet
396Kb / 6P
   High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MP8714

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
   High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
   17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2229 MPS-MP2229 Datasheet
2Mb / 22P
   High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
   High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
   High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
MP8772 MPS-MP8772 Datasheet
1Mb / 23P
   12A, 17V, 700kHz Synchronous Step-down Converter with PG and External Soft Start in 3x3mm QFN package
MP2269 MPS-MP2269 Datasheet
1Mb / 19P
   3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
   High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com