Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP563SQ15T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP563SQ15T1
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP563SQ15T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP563SQ15T1 Datasheet HTML 1Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 2Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 3Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 4Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 5Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 6Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 7Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 8Page - ON Semiconductor NCP563SQ15T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 6
1
Publication Order Number:
NCP562/D
NCP562, NCP563
80 mA CMOS Low Iq
Low−Dropout Voltage
Regulator
This series of fixed output low−dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent. This series
features an ultra−low quiescent current of 2.5
mA. Each device
contains a voltage reference unit, an error amplifier, a PMOS power
transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits. The NCP562 series provides an
enable pin for ON/OFF control.
The NCP562 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the micro−miniature SC82−AB surface mount
package. Standard voltage versions are 1.5, 1.8, 2.5, 2.7, 2.8, 3.0, 3.3,
and 5.0 V. Other voltages are available in 100 mV steps.
Features
Low Quiescent Current of 2.5 mA Typical
Low Output Voltage Option
Output Voltage Accuracy of 2.0%
Temperature Range of −40°C to 85°C
NCP562 Provides an Enable Pin
Pb−Free Package May be Available.* The G−Suffix Denotes a
Pb−Free Lead Finish
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Figure 1. NCP562 Typical Application Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND Enable
Vin
Vout
+
C1
OFF
ON
Figure 2. NCP563 Typical Application Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND
N/C
Vin
Vout
+
C1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SC82−AB (SC70−4)
SQ SUFFIX
CASE 419C
1
4
PIN CONNECTIONS &
MARKING DIAGRAMS
GND
(NCP562 Top View)
1
2
4
3
Vin
Enable
Vout
xxx
= Device Code
M
= Date Code
GND 1
2
4
3
Vin
N/C
Vout
(NCP563 Top View)
http://onsemi.com
*For additional information on our Pb−Free strategy
and
soldering
details,
please
download
the
ON Semiconductor Soldering and Mounting Tech-
niques Reference Manual, SOLDERRM/D.


Similar Part No. - NCP563SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563SQ15T1 ONSEMI-NCP563SQ15T1 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563SQ15T1G ONSEMI-NCP563SQ15T1G Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563SQ15T1G ONSEMI-NCP563SQ15T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP563SQ15T1G ONSEMI-NCP563SQ15T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCP563SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com