Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4423A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4423A
Description  3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4423A Datasheet HTML 1Page - Monolithic Power Systems MP4423A Datasheet HTML 2Page - Monolithic Power Systems MP4423A Datasheet HTML 3Page - Monolithic Power Systems MP4423A Datasheet HTML 4Page - Monolithic Power Systems MP4423A Datasheet HTML 5Page - Monolithic Power Systems MP4423A Datasheet HTML 6Page - Monolithic Power Systems MP4423A Datasheet HTML 7Page - Monolithic Power Systems MP4423A Datasheet HTML 8Page - Monolithic Power Systems MP4423A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP4423A – 3A, 36V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4423A Rev.1.0
www.MonolithicPower.com
2
4/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4423AGQ
QFN-8 (3mmx3mm)
See Below
* For Tape & Reel, add suffix –Z (e.g. MP4423AGQ–Z)
TOP MARKING
APP: Product code of MP4423AGQ
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
1
2
3
45
6
7
8
FB
VCC
EN/SYNC
BST
PG
SW
IN
GND
QFN-8 (3mmx3mm)


Similar Part No. - MP4423A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423GQ MPS-MP4423GQ Datasheet
616Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423HGQ MPS-MP4423HGQ Datasheet
662Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
More results

Similar Description - MP4423A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4423 MPS-MP4423 Datasheet
616Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
MP4423H MPS-MP4423H Datasheet
662Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
   High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
[Old version datasheet]   3A High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
   3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
   2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com