Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVD1354 Datasheet(PDF) 5 Page - International Rectifier

Part # PVD1354
Description  Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD1354 Datasheet(HTML) 5 Page - International Rectifier

  PVD1354 Datasheet HTML 1Page - International Rectifier PVD1354 Datasheet HTML 2Page - International Rectifier PVD1354 Datasheet HTML 3Page - International Rectifier PVD1354 Datasheet HTML 4Page - International Rectifier PVD1354 Datasheet HTML 5Page - International Rectifier PVD1354 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5AHEAI28,!
5
Replaced by PVD13N
OBSOLETE
Wiring Diagram
Figure 10. Typical Output Capacitance
VDS Drain to Source Voltage
Figure 9. Typical Control Threshold and Transfer Ratio
Ambient Temperature °C


Similar Part No. - PVD1354

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD1354N IRF-PVD1354N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVD1354NPBF IRF-PVD1354NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVD1354NS IRF-PVD1354NS Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVD1354NSPBF IRF-PVD1354NSPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
More results

Similar Description - PVD1354

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
   Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com