Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP13-4398 Datasheet(PDF) 1 Page - Allied Components International

Part # AEP13-4398
Description  EP13 Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP13-4398 Datasheet(HTML) 1 Page - Allied Components International

  AEP13-4398 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EP13 Transformer
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
08/24/2016
EP13 SMD Package
Operating Temperature Range: -40ºC to +90ºC
MECHANICAL
SCHEMATICS
All specifications subject to change without notice.
Inductance
10KHz, 0.1V
(1-4)
SIDE VIEW
FRONT VIEW
BOTTOM VIEW
15.24
0.600
4
1
4
1
8
5
8
1
4
8
6
DOT LOCATES
PIN 1
7
5
0.12MAX
Max
11.43
0.450 Max
13.34
0.525 Max
2.49±0.5
0.098±0.02
0.60±0.1
0.024±0.004
1
PRI
8-32V
200-300KHz
SEC
24v, 70mA
SEC
24v, 70mA
40µH±10%
Leakage Inductance
@ 100KHz, 0.02V
(1-4) (Short Pins 5, 6, 7, and 8)
400nH Typ
1.0µH Max
Turns Ratio
(6-8):(1-4)
2:1±1%
Turns Ratio
(5-7):(1-4)
2:1±1%
DCR
(1-4)
mΩ Max
110
DCR
(5-7)
mΩ Max
DCR
(6-8)
mΩ Max
865
865
Hi-Pot
(1-8)
Hi-Pot
(1-7)
1500VAC, 60S
1875VAC, 1S
1500VAC, 60S
1875VAC, 1S
AEP13-4398
mm
(inches)
Dimensions:


Similar Part No. - AEP13-4398

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP13-4399 ALLIED-AEP13-4399 Datasheet
639Kb / 1P
   EP13 Transformer
More results

Similar Description - AEP13-4398

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP13-1260 ALLIED-AEP13-1260 Datasheet
431Kb / 1P
   EP13 Transformer
logo
XFMRS Inc.
XF50764 XFMRS-XF50764 Datasheet
69Kb / 1P
   EP13 TRANSFORMER
logo
Allied Components Inter...
AEP13-4439 ALLIED-AEP13-4439 Datasheet
708Kb / 1P
   EP13 Transformer
logo
XFMRS Inc.
XF50624 XFMRS-XF50624 Datasheet
53Kb / 1P
   EP13 TRANSFORMER
XF50624 XFMRS-XF50624 Datasheet
53Kb / 1P
   EP13 TRANSFORMER
XF50531 XFMRS-XF50531 Datasheet
57Kb / 1P
   EP13 TRANSFORMER
logo
Allied Components Inter...
AEP13-4417 ALLIED-AEP13-4417 Datasheet
759Kb / 1P
   EP13 Transformer
logo
XFMRS Inc.
XF50764 XFMRS-XF50764 Datasheet
69Kb / 1P
   EP13 TRANSFORMER
logo
Allied Components Inter...
AEP13-4020 ALLIED-AEP13-4020 Datasheet
434Kb / 1P
   EP13 Transformer
AEP13-4399 ALLIED-AEP13-4399 Datasheet
639Kb / 1P
   EP13 Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com