Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162H646T Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74FCT162H646T
Description  Fast CMOS 16-Bit Registered Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162H646T Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74FCT162H646T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT162H646T Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI74FCT16646T/162646T/162H646T
16-Bit Registered Transceivers
2
PS2039B
02/24/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
1
DIR
1
CLKAB
1
SAB
GND
1
A0
1
A1
VCC
1
A2
1
A3
1
A4
GND
1
A5
1
A6
1
A7
2
A0
2
A1
2
A2
GND
2
A3
2
A4
2
A5
VCC
2
A6
2
A7
GND
2
SAB
2
CLKAB
2
DIR
1
OE
1
CLKBA
1
SBA
GND
1
B0
1
B1
VCC
1
B2
1
B3
1
B4
GND
1
B5
1
B6
1
B7
2
B0
2
B1
2
B2
GND
2
B3
2
B4
2
B5
VCC
2
B6
2
B7
GND
2
SBA
2
CLKBA
2
OE
Product Pin Configuration
Notes:
1.The data output functions may be enabled or disabled by various signals at the xOE or xDIR inputs.
Data input functions are always enabled, i.e., data at the bus pins will be stored on every low-to-high transition on the clock inputs.
2. Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered to load both registers.
H = High Voltage Level; L = Low Voltage Level; X = Don’t Care;
↑ = LOW-to-HIGH transition
Pin Name
Description
xAx(1)
Data Register A Inputs
Data Register B Outputs
xBx(1)
Data Register B Inputs
Data Register A Outputs
xCLKAB, xCLKBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
xDIR, xOE
Output Enable Inputs
GND
Ground
VCC
Power
Note: 1.For the PI74FCT162H646T, these pins have
“Bus Hold.” All other pins are standard, outputs, or I/Os.
Product Pin Description
Inputs
DATA I/O
(2)
Function/Operation
xOE
X
DIR
X
CLKAB
X
CLKBA
X
SAB
X
SBA
X
AXXBX
Isolation
H
X
H or L
H or L
X
X
Input
Input
Store A and B Data
H
X
↑↑
XX
Real Time B Data to A Bus
L
L
X
X
X
L
Output
Input
Stored B Data to A Bus
L
L
X
H or L
X
H
Real Time A Data to B Bus
L
H
X
X
L
X
Input
Output
Stored A Data to B Bus
L
H
H or L
X
H
X
Truth Table
56-PIN
V56
A56
K56


Similar Part No. - PI74FCT162H646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162H240T PERICOM-PI74FCT162H240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT162H244T PERICOM-PI74FCT162H244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162H245T PERICOM-PI74FCT162H245T Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162H373T PERICOM-PI74FCT162H373T Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
PI74FCT162H374T PERICOM-PI74FCT162H374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
More results

Similar Description - PI74FCT162H646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16952 PERICOM-PI74LPT16952 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com