Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2317 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2317
Description  26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2317 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2317 Datasheet HTML 6Page - Monolithic Power Systems MP2317 Datasheet HTML 7Page - Monolithic Power Systems MP2317 Datasheet HTML 8Page - Monolithic Power Systems MP2317 Datasheet HTML 9Page - Monolithic Power Systems MP2317 Datasheet HTML 10Page - Monolithic Power Systems MP2317 Datasheet HTML 11Page - Monolithic Power Systems MP2317 Datasheet HTML 12Page - Monolithic Power Systems MP2317 Datasheet HTML 13Page - Monolithic Power Systems MP2317 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP2317 – 26V, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2317 Rev. 1.0
www.MonolithicPower.com
10
3/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2317 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in, internal power MOSFETs. It offers
a very compact solution that achieves 1A of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The MP2317 operates in a fixed-frequency,
peak-current-control mode to regulate the
output voltage. A pulse width modulation
(PWM) cycle is initiated by the internal clock.
The integrated high-side power MOSFET (HS-
FET) turns on and remains on until its current
reaches the value set by the COMP voltage
(VCOMP). When the power switch is off, it
remains off until the next clock cycle begins. If
the current in the power MOSFET does not
reach the current value set by COMP within
93% of one PWM period, the power MOSFET is
forced off.
Internal VCC Regulator
Most of the internal circuitries are powered by
the internal VCC regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than its UVLO rising
threshold, the output of the regulator is in full
regulation. When VIN is lower than its UVLO
falling threshold, the internal VCC regulator
shuts off. A 0.1µF ceramic capacitor is required
for decoupling.
Error Amplifier (EA)
The error amplifier compares the FB voltage
with the internal 0.791V reference (REF) and
outputs a COMP voltage, which is used to
control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control loop design.
AAM Operation
The MP2317 uses advanced asynchronous
modulation (AAM) power-save mode for light
loads. The AAM voltage is set at 0.4V internally.
Under heavy-load conditions, VCOMP is higher
than VAAM. When the clock goes high, the HS-
FET turns on and remains on until VILsense
reaches the value set by VCOMP. The internal
clock resets whenever VCOMP is higher than
VAAM.
Under light-load conditions, the value of VCOMP
is low. When VCOMP is less than VAAM, and VFB is
less than VREF, VCOMP ramps up until it exceeds
VAAM. During this time, the internal clock is
blocked, and the MP2317 skips some pulses for
pulse frequency modulation (PFM) mode and
achieves light-load power save.
Figure 2: Simplified AAM Control Logic
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at an
insufficient
supply
voltage.
The
UVLO
comparator monitors the input voltage. When
the input voltage is higher than the UVLO rising
threshold, the MP2317 powers up and shuts off
when the input voltage is lower than the UVLO
falling threshold. It has non-latch protection.
Internal Soft Start (SS)
The soft start (SS) is implemented to prevent
the converter output voltage from overshooting
during start-up. When the chip starts up, the
internal circuitry generates a soft-start voltage
that ramps up from 0V. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the 0.791V reference voltage. At this
point, the reference voltage takes over. The
soft-start time is set to be around 1.5ms
internally from 10% to 90% of VOUT.
Over-Current Protection (OCP) and Hiccup
The MP2317 employs a cycle-by-cycle over-
current limit when the inductor current peak
value exceeds the set current-limit threshold.
Meanwhile, the output voltage starts to drop
until FB is below the under-voltage (UV)
threshold, typically 50% below the reference.
Once UV is triggered, the MP2317 enters
hiccup mode to restart the part periodically.
This protection mode is especially useful when
the output is dead-shorted to ground. The
average short-circuit current is greatly reduced
to alleviate thermal issues and to protect the
regulator. The MP2317 exits hiccup mode once
the over-current condition is removed.


Similar Part No. - MP2317

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2312 MPS-MP2312 Datasheet
665Kb / 20P
   24V, 2.1A High Efficiency Synchronous Step-down Converter
MP2312GQ MPS-MP2312GQ Datasheet
665Kb / 20P
   24V, 2.1A High Efficiency Synchronous Step-down Converter
MP2312GQ MPS-MP2312GQ Datasheet
430Kb / 7P
   24V, High Current Synchronous Step-down Converter Evaluation Board
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2313GJ MPS-MP2313GJ Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
More results

Similar Description - MP2317

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
   1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
   High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
   16V, 3A, 600kHz Synchronous Step-Down Converter
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
   16V, 4A, 600kHz Synchronous Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
   8A, 25V, 600kHz Synchronous Step-down Converter
logo
First Silicon Co., Ltd
FC3470DFN22 FS-FC3470DFN22 Datasheet
859Kb / 13P
   600kHz, 18V, 2.0A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
   High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
   600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
   600KHz, 16V, 2A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com