Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162646T Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT162646T
Description  Fast CMOS 16-Bit Registered Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162646T Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT162646T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT162646T Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI74FCT16646T/162646T/162H646T
16-Bit Registered Transceivers
4
PS2039B
02/24/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 10%)
Parameters Description
TestConditions(1)
Min.
Typ.(2)
Max.
Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
0.8
V
IIH
InputHIGHCurrent
Standard Input, VCC = Max.
VIN=VCC
1µA
IIH
InputHIGHCurrent
Standard I/O,VCC = Max.
VIN=VCC
1µA
IIH
InputHIGHCurrent
Bus Hold Input(4), VCC = Max.
VIN=VCC
±100
µA
IIH
InputHIGHCurrent
Bus Hold I/O(4), VCC = Max.
VIN=VCC
±100
µA
IIL
Input LOW Current
Standard Input, VCC = Min.
VIN=GND
–1
µA
IIL
Input LOW Current
Standard I/O, VCC = Min.
VIN=GND
–1
µA
IIL
Input LOW Current
Bus Hold Input(4), VCC = Min.
VIN=GND
±100
µA
IIL
Input LOW Current
Bus Hold I/O(4), VCC = Min.
VIN=GND
±100
µA
IBHH
Bus Hold
Bus Hold Input(4), VCC = Min.
VIN=2.0V
–50
µA
IBHL
Sustain Current
VIN=0.8V
+50
IOZH(5)
High-Impedance
VCC=Max.
VOUT=2.7V
1
µA
IOZL(5)
Output Current
VCC=Max.
VOUT=0.5V
–1
µA
(3-STATEOUTPUTS)
VIK
ClampDiodeVoltage
VCC = Min., IIN= –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC=Max.(3),VOUT=GND
–80
–140
–200
mA
IO
Output Drive Current
VCC=Max.(3),VOUT=2.5V
–50
–180
mA
VH
Input Hysteresis
100
mV
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................ –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current .................................................................................... 120mA
Power Dissipation ......................................................................................... 1.0W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these
or any other conditions above those indicated in
the operational sections of this specification is
not implied. Exposure to absolute maximum
rating conditions for extended periods may
affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Pins with Bus Hold are identified in the pin description.
5. This specification does not apply to bi-directional functionalities with Bus Hold.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)


Similar Part No. - PI74FCT162646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162240T PERICOM-PI74FCT162240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT162244ATA PERICOM-PI74FCT162244ATA Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATAE PERICOM-PI74FCT162244ATAE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATV PERICOM-PI74FCT162244ATV Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244ATVE PERICOM-PI74FCT162244ATVE Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
More results

Similar Description - PI74FCT162646T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16952 PERICOM-PI74LPT16952 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com