Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD241S Datasheet(PDF) 3 Page - eupec GmbH

Part # DD241S
Description  European Power- Semiconductor and Electronics Company
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DD241S Datasheet(HTML) 3 Page - eupec GmbH

  DD241S Datasheet HTML 1Page - eupec GmbH DD241S Datasheet HTML 2Page - eupec GmbH DD241S Datasheet HTML 3Page - eupec GmbH DD241S Datasheet HTML 4Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DD 241 S
Pos. n
1
2
3
4
5
6
7
Rthn[°C/W]
τn [s]
Analytische Elemente des transienten Wärmewiderstandes ZthJC pro Zweig für DC
Analytical elements of transient thermal impedance ZthJC per arm for DC
Analytische Funktion / Analytical function:
nmax
Σ
n=1
ZthJC =
Rthn (1-e )
t
- τn
0,0031 0,0097 0,0257 0,0529 0,0526
0,0009
0,008
0,11
0,61
3,06
Bild / Fig. 2
Typische Abhängigkeit der oberen Sperrverzögerungsladung Qs von der
abkommutierenden Stromsteilheit -diF/dt bei tvj max.
Typical realationship between the maximum recovered charge Qs and the rate
of decay of forward current -diF/dt at tvj max
20
40
60
80
100
120
140
160
180 200
0
0
100
200
300
400
500
Qs
As]
-diF/dt [A/µs]
DD 241 S3
1000A
500A
200A
100A
50A
iFM=
Bild / Fig. 3
Transienter innerer Wärmewiderstand Z(th)JC je Zweig bei sinus- und trapez-
förmigem Stromverlauf.
Transient thermal impedance Z(th)JC, junction to case per arm at sinusoidal
and trapetzodial current waveform.
10-3
10-2
10-1
100
101
0
T [s]
ZthJC
[°C/W]
102
2 3 4 6
2 3 4 6
2 3 4 6
2 3 4 6
2 3 4 6
0.02
0.04
0.06
0.08
0.1
0.14
0.16
0.18
DD 241 / 242 S1
Θ
=60°
120°
180°
Θ
=180°
DC


Similar Part No. - DD241S

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD240KB SANREX-DD240KB Datasheet
93Kb / 2P
   DIODE MODULE
DD240KB120 SANREX-DD240KB120 Datasheet
93Kb / 2P
   DIODE MODULE
DD240KB160 SANREX-DD240KB160 Datasheet
93Kb / 2P
   DIODE MODULE
DD240KB40 SANREX-DD240KB40 Datasheet
93Kb / 2P
   DIODE MODULE
DD240KB80 SANREX-DD240KB80 Datasheet
93Kb / 2P
   DIODE MODULE
More results

Similar Description - DD241S

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD46S EUPEC-DD46S Datasheet
178Kb / 4P
   European Power- Semiconductor and Electronics Company
DD81S EUPEC-DD81S Datasheet
184Kb / 4P
   European Power- Semiconductor and Electronics Company
DD242S EUPEC-DD242S Datasheet
189Kb / 4P
   European Power- Semiconductor and Electronics Company
DD230S EUPEC-DD230S Datasheet
197Kb / 4P
   European Power- Semiconductor and Electronics Company
T160N EUPEC-T160N Datasheet
257Kb / 8P
   European Power- Semiconductor and Electronics Company
T221N EUPEC-T221N Datasheet
237Kb / 7P
   European Power- Semiconductor and Electronics Company
D452N EUPEC-D452N Datasheet
101Kb / 5P
   European Power- Semiconductor and Electronics Company
D1251S45T EUPEC-D1251S45T Datasheet
47Kb / 3P
   European Power- Semiconductor and Electronics Company
T345N EUPEC-T345N Datasheet
260Kb / 7P
   European Power- Semiconductor and Electronics Company
D291S EUPEC-D291S Datasheet
81Kb / 5P
   European Power-Semiconductor and Electronics Company
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com