Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG86ABAR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NBSG86ABAR2
Description  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86ABAR2 Datasheet(HTML) 2 Page - ON Semiconductor

  NBSG86ABAR2 Datasheet HTML 1Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 2Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 3Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 4Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 5Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 6Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 7Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 8Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NBSG86A
http://onsemi.com
2
VTD1
SEL
SEL
OLS
VTD0
D0
VTSEL
D1
D1
VTD1
VCC
VEE
D0
VTD0
Q
Q
A
B
C
D
12
3
4
Figure 1. BGA−16 Pinout (Top View)
VTD1
D1
D1 VTD1
VTD0 D0
D0
VTD0
VEE
Q
Q
VCC
OLS
SEL
SEL
VTSEL
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NBSG86A
Exposed Pad
(EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. Pin Description
Pin
BGA
QFN
Name
I/O
Description
C2
1
OLS
(Note 3)
Input
Input Pin for the Output Level Select (OLS). See Table 2.
C1
2
SEL
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Select Logic Input.
B1
3
SEL
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Select Logic Input.
B2
4
VTSEL
Common Internal 50
W Termination Pin for SEL/SEL. See Table 7. (Note 1)
A1
5
VTD1
Internal 50
W termination pin. See Table 7. (Note 1)
A2
6
D1
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input 1. Internal 75 k
W to VEE.
A3
7
D1
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input 1. Internal 75 k
W to VEE and 36.5 kW to VCC.
A4
8
VTD1
Internal 50
W Termination Pin. See Table 7. (Note 1)
B3
9
VCC
Positive Supply Voltage (Note 2)
B4
10
Q
RSECL Output
Noninverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V.
C4
11
Q
RSECL Output
Inverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V
C3
12
VEE
Negative Supply Voltage (Note 2)
D4
13
VTD0
Internal 50
W Termination Pin. See Table 7. (Note 1)
D3
14
D0
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input 0. Internal 75 k
W to VEE and 36.5 kW to VCC.
D2
15
D0
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input 0. Internal 75 k
W to VEE.
D1
16
VTD0
Internal 50
W Termination Pin. See Table 7. (Note 1)
N/A
EP
Exposed Pad. The thermally exposed pad on package bottom (see case drawing)
must be attached to a heat−sinking conduit.
1. In the differential configuration when the input termination pins (VTDx, VTDx, VTSEL) are connected to a common termination voltage,
and if no signal is applied then the device will be susceptible to self−oscillation.
2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation.
3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2 kW resistor should be connected from OLS pin to VEE.


Similar Part No. - NBSG86ABAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86ABAR2 ONSEMI-NBSG86ABAR2 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
More results

Similar Description - NBSG86ABAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com