Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90883 Datasheet(PDF) 16 Page - Zarlink Semiconductor Inc

Part # MT90883
Description  TDM to Packet Processors
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90883 Datasheet(HTML) 16 Page - Zarlink Semiconductor Inc

Back Button MT90883 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 14Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 15Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 16Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 17Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 18Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 19Page - Zarlink Semiconductor Inc MT90883 Datasheet HTML 20Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
MT90880/1/2/3
Data Sheet
16
Zarlink Semiconductor Inc.
Table 7 - RMII Interface
3.4
PCI Interface
The PCI signals are NOT 5 V tolerant.
All PCI outputs are high impedance while S_RST is low.
Active low signals are designated by a # suffix, in accordance with the convention used in the PCI specification.
Signal
I/O
Package Balls
Description
ref_clk
I U
AB11
Synchronous clock reference for receive,
transmit and control interface.
Common to both RMII ports.
RMII Port A
rm0_rxd[1:0]
I U
AE9 [1], AD9 [0]
Receive data
rm0_rxdv/ crs
I D
AF7
Carrier sense & receive data valid
rm0_txen
O U
AD6
Transmit enable
rm0_txd[1:0]
O U
AE6 [1], AD7 [0]
Transmit data
RMII Port B
rm1_rxd[1:0]
I U
AE13 [1], AF13 [0]
Receive data
rm1_rxdv/ crs
I D
AE12
Carrier sense & receive data valid
rm1_txen
O U
AD10
Transmit enable
rm1_txd[1:0]
O U
AF10 [1], AD11 [0]
Transmit data
Signal
I/O
Package Balls
Description
pci_clk
I
AF20
PCI clock
pci_rst#
I
AE19
PCI reset
pci_req#
O
AC19
PCI request
pci_gnt#
I
AD19
PCI grant
pci_ad[31:0]
I O
AE20 [31], AB19 [30], AF21 [29], AC20 [28],
AD20 [27], AE21 [26], AF22 [25], AD21 [24],
AF23 [23], AD22 [22], AE23 [21], AC21 [20],
AE24 [19], AC22 [18], AD24 [17], AC23 [16],
AC26 [15], AB25 [14], W23 [13], AA24 [12],
AB26 [11], AA25 [10], Y24 [9], AA26 [8],
V24 [7], U23 [6], V25 [5], T23 [4] T24 [3],
R23 [2], T25 [1], T26 [0]
PCI address / data
pci_cbe[3:0]#
I O
AE22 [3], AB23 [2], Y23 [1], W24 [0]
PCI control / byte enable
pci_par
I O
AC25
PCI parity
pci_frame#
I O
AE25
PCI frame


Similar Part No. - MT90883

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080 MITEL-MT9080 Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080AP MITEL-MT9080AP Datasheet
305Kb / 24P
   CMOS SMX - Switch Matrix Module
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
MT9080BP MITEL-MT9080BP Datasheet
123Kb / 25P
   CMOS SMX - Switch Matrix Module
logo
Marktech Corporate
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
More results

Similar Description - MT90883

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34S101 MAXIM-DS34S101 Datasheet
1Mb / 13P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com