Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP-1000F+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # CBP-1000F+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBP-1000F+ Datasheet(HTML) 2 Page - Mini-Circuits

  CBP-1000F+ Datasheet HTML 1Page - Mini-Circuits CBP-1000F+ Datasheet HTML 2Page - Mini-Circuits CBP-1000F+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
CBP-1000F+
Electrical Specifications at 25°C
CASE STYLE: KV1710
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
-
-
-
1000
-
MHz
Insertion Loss
F1-F2
900-1100
-
0.9
1.6
dB
VSWR
F1-F2
900-1100
-
1.3
1.8
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC-790
26
35
-
dB
VSWR
DC-F3
DC-790
-
20
-
:1
Stop Band, Upper
Insertion Loss
F4-F5
1260-1800
28
36
-
dB
VSWR
F4-F5
1260-1800
-
20
-
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
10 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M156113
CBP-1000F+
EDU2304
URJ
160524
Page 2 of 3
Typical Frequency Response
Functional Schematic
DC
F3 F1
F2
FREQUENCY (MHz)
F4
F5
RF IN
RF OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
50Ω
900 to 1100 MHz
Bandpass Filter
Applications
• L-band application
• Aviation/Aeronautical
• Cellular & Distance measurement equipment
(DME)
Features
• High Q
• Good selectivity
• Low VSWR, 1.3:1 typical
• Miniature shielded package
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
0
25
50
75
100
0
300
600
900
1200
1500
1800
FREQUENCY (MHz)
CBP-1000F+
INSERTION LOSS (Full band)
1
10
100
1000
0
300
600
900
1200
1500
1800
FREQUENCY (MHz)
CBP-1000F+
VSWR
0.60
1.10
1.60
900
1000 1100
0
4
8
12
16
20
800
900
1000
1100
1200
FREQUENCY (MHz)
CBP-1000F+
INSERTION LOSS (Pass band)
0.4
0.7
1.0
900
1000
1100
4
5
6
7
8
900
950
1000
1050
1100
FREQUENCY (MHz)
CBP-1000F+
GROUP DELAY
1
108.05
331.62
900
7.35
100
106.29
365.83
910
6.82
250
104.95
291.42
920
6.42
400
84.91
181.76
930
6.10
750
54.96
58.47
940
5.86
790
36.76
45.36
950
5.67
802
30.73
39.50
960
5.49
820
20.61
27.12
970
5.35
848
3.12
2.48
980
5.22
850
2.47
1.95
1000
5.06
900
0.82
1.06
1010
5.01
1000
0.60
1.10
1020
4.99
1100
0.71
1.10
1030
5.00
1124
2.01
2.58
1040
5.03
1130
3.08
3.84
1050
5.09
1190
20.19
56.06
1060
5.16
1236
30.76
77.14
1070
5.27
1260
35.61
80.25
1080
5.45
1320
47.09
82.41
1090
5.79
1800
54.99
105.78
1100
6.39


Similar Part No. - CBP-1000F+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1023A++ MINI-CBP-1023A+ Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1034C MINI-CBP-1034C Datasheet
451Kb / 3P
   Bandpass Filter
CBP-1034C++ MINI-CBP-1034C+ Datasheet
451Kb / 3P
   Bandpass Filter
CBP-1062C MINI-CBP-1062C Datasheet
460Kb / 3P
   Bandpass Filter
More results

Similar Description - CBP-1000F+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com