Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBP-670F+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # CBP-670F+
Description  Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CBP-670F+ Datasheet(HTML) 3 Page - Mini-Circuits

  CBP-670F+ Datasheet HTML 1Page - Mini-Circuits CBP-670F+ Datasheet HTML 2Page - Mini-Circuits CBP-670F+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bandpass Filter
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CBP-670F+
1
2
3
4
5
67
89
10
11
12
13
14
15
16
17
1
2
3
4
56
7
89
10
11
12
13
14
15
16
17
INDEX
A
B
C
D
E
F
G
H
N
M
K
L
SUGGESTED PCB LAND PATTERN
P
Q
R
S
Y
X
U
V
W
T
Z
SOLDER RESIST
METALLIZATION
Outline Drawing
INPUT
1
OUTPUT
12
GROUND
2,3,4,5,6,7,8,9,10,11,13,14,15,16,17
Pad Connections
Demo Board MCL P/N: TB-693+
Suggested PCB Layout (PL-378)
inch
mm
Outline Dimensions (
)
A
1.050
26.67
B
.875
22.23
C
.239
6.07
D
.125
3.18
E
.160
4.06
F
.160
4.06
G
.278
7.06
H
.205
5.21
J
.160
4.06
K
.070
1.78
L
.150
3.81
M
.090
2.29
N
.130
3.30
P
1.090
27.69
Q
.870
22.10
R
.915
23.24
S
.625
15.88
T
.710
18.03
U
.695
17.65
V
.870
22.10
W
.390
9.91
X
.110
2.79
Y
.070
1.78
Z
.458
11.63
Wt.
grams
8.5
Page 3 of 3


Similar Part No. - CBP-670F+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBP-1000F MINI-CBP-1000F Datasheet
383Kb / 3P
   Bandpass Filter
CBP-1000F++ MINI-CBP-1000F+ Datasheet
383Kb / 3P
   Bandpass Filter
CBP-1023A MINI-CBP-1023A Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1023A++ MINI-CBP-1023A+ Datasheet
912Kb / 3P
   Coaxial-Ceramic Resonator Filters and Multiplexers
CBP-1034C MINI-CBP-1034C Datasheet
451Kb / 3P
   Bandpass Filter
More results

Similar Description - CBP-670F+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com