Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPF-C450+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # BPF-C450+
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BPF-C450+ Datasheet(HTML) 1 Page - Mini-Circuits

  BPF-C450+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. A
M151121
EDR-9335UF1
BPF-C450+
URJ/RAV
161107
Page 1 of 1
50Ω
400 to 510 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
Pin Connections
Surface Mount
BPF-C450+
Bandpass Filter
Applications
• Military and avionics
• Receivers / transmitters
• Harmonic rejection
Bandpass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Frequency Response
Functional Schematic
F6
F4
F2
F1
F3
F5
40
20
2
FREQUENCY (MHz)
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
92.65
1.56
0.01
400.0
6.13
150.0
50.75
0.54
0.31
410.0
5.66
310.0
35.49
5.18
0.84
415.0
5.49
340.0
10.85
1.26
1.78
420.0
5.36
355.0
4.37
0.28
4.74
425.0
5.22
365.0
2.16
0.06
7.97
430.0
5.11
400.0
0.86
0.03
20.46
435.0
5.03
430.0
0.81
0.03
16.97
440.0
4.93
450.0
0.81
0.03
17.12
445.0
4.87
470.0
0.80
0.03
20.27
448.0
4.85
510.0
0.80
0.03
25.18
450.0
4.83
580.0
1.48
0.26
18.15
455.0
4.81
610.0
3.03
1.32
5.80
460.0
4.80
625.0
6.05
2.32
2.01
465.0
4.81
640.0
11.26
2.70
0.94
470.0
4.82
700.0
32.58
2.46
0.33
480.0
4.80
760.0
53.15
4.33
0.21
500.0
4.91
1200.0
51.38
2.35
0.39
510.0
4.99
RF IN
RF OUT
Typical Performance Data at 25oC
CASE STYLE: HU1186
BPF-C450+
INSERTION LOSS
0
20
40
60
80
100
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
BPF-C450+
GROUP DELAY
4.5
4.9
5.3
5.7
6.1
6.5
400 410 420 430 440 450 460 470 480 490 500 510
FREQUENCY (MHz)
BPF-C450+
RETURN LOSS
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
INPUT
2
OUTPUT
9
NOT CONNECTED
6, 13
GROUND
1, 3, 4, 5, 7,8,10,11,12,14
Features
• Good VSWR, 1.3:1 typ @ passband
• High rejection
• Shielded case
• Aqueous washable
CENTER
PASSBAND
STOPBANDS (MHz)
VSWR (:1)
FREQ.
(MHz)
(MHz)
(Loss < 2dB)
Loss > 20dB
Loss > 40dB
Passband
Stopband
Fc
F1 - F2
F3
F4
F5
F6
Typ.
Max.
Typ.
450
400 - 510
310
700
150
760 - 1200
1.3
1.7
18
Permanent damage may occur if any of these limits are exceeded.
Outline Dimensions (
)
inch
mm
A
B
C
D
E
G
H
J
K
M
N
wt.
.870 .800
.25 .100 .097 .060 .040 .105 .910 .060 .060 grams
22.10 20.32 6.35 2.54 2.46 1.52 1.02 2.67 23.11 1.52 1.52 2.85
Demo Board MCL P/N: TB-500+
Suggested PCB Layout (PL-294)
Outline Drawing
METALLIZATION
SOLDER RESIST
INDEX
PCB Land Pattern
13
14
12 11 10 9 8
2
1
3 4 5 6 7
2
1
3 4 5 6 7
13
14
12 11 10 9 8
C
G TYP
H TYP
J TYP
A
E
B
D TYP
D TYP
N TYP
K
M TYP
Suggested Layout
Tolerance to be within ±.002
Ø
.013 PTH TYP.
FOR GROUND
.048±.002
LINE WIDTH
2 PL.
(SEE BELOW) .030 TYP.
.150 TYP.
.172 TYP.
PIN 1
IN
OUT
PACKAGE
OUTLINE
.030 TYP.
1. TRACE WIDTH IS SHOWN FOR ROGERS RO4350B,
DIELECTRIC THICKNESS: .030"± .002"; COPPER: 1/2 OZ EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
NOTES:
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BPF-C450+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BPF-C45 MINI-BPF-C45 Datasheet
466Kb / 1P
   Bandpass Filter
BPF-C45++ MINI-BPF-C45+ Datasheet
466Kb / 1P
   Bandpass Filter
More results

Similar Description - BPF-C450+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com