Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90313 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLX90313
Description  Programmable IR Sensor Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90313 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLX90313 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90313 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MLX90313
Programmable IR Sensor Interface
MLX90313 Programmable IR sensor Interface
Page 1
Rev 1.0 21-July-2001
3901090313
Features and Benefits
Dual low noise, low offset, fully programmable amplifier chain
12 bit on-chip ADC
Powerful signal conditioning and linearisation unit
Multiple output options: 12 bit digital through SPI, 8 bit resolution analog linear signal outputs or
10 bit PWM, both for ambient and object temperature.
On-chip programmable digital moving average LPF for ultimate low noise performance
ISP I/O-configuration and analog settings, accessible by SPI serial interface.
Wide supply voltage range from 4.5V-80V
Applications
Thermopile + thermistor amplification chain
Digital or analog, linear, ambient-compensated IR sensor interface
General purpose programmable sensor amplifier/ signal conditioner
Ordering Information
Part No.
Temperature Suffix
Package
Temperature Range
MLX90313
K
DF
-40C to 125C Automotive
Functional Diagram
Description
The MLX90313 is a versatile in-circuit
programmable interface, which performs signal
conditioning, linearisation and ambient
temperature compensation, particularly for
infrared sensors combined with a thermistor.
Other types of sensors can also be used in
various configurations. Sensors that can be used
include pressure sensors, strain gauges,
acceleration sensors etc.
The amplifier chains in MLX90313 are
programmable in very broad ranges of gain.
Both chains consist of high performance,
chopper-stabilized amplifiers, providing excellent
noise performance and low offset. The I/O
configuration as well as analog settings are in-
circuit programmable by means of the SPI-serial
interface. This serial link can also be used to
read out the output signals digitally. The circuit
can either provide linear analog or PWM (Pulse
Width Modulated) signal outputs. Additional the
circuit can perform simple control applications
using on-board comparators
PGA
PGA
A/D
12Bit
A/D
12Bit
pwm
lin
non
lin
pwm
lin
non
lin
Configuration eeprom
Digital Control Logic
SPI
interface
IR path
Thermistor
path
IR+
Tinp
Tinn
IRout
Tempout
IR-
SPI
interface
Supply Regulator


Similar Part No. - MLX90313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
1Mb / 33P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314AB ETC-MLX90314AB Datasheet
495Kb / 26P
   Programmable Sensor Interface
More results

Similar Description - MLX90313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com