Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE395 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE395
Description  Silicon PNP Transistor Wide Band Linear Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE395 Datasheet(HTML) 1 Page - NTE Electronics

  NTE395 Datasheet HTML 1Page - NTE Electronics NTE395 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE395
Silicon PNP Transistor
Wide Band Linear Amplifier
Absolute Maximum Ratings:
Collector–Base Voltage, VCBO
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), Ptot
225mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +25°C), Ptot
360mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+200
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
485
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
775
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector–Base Cutoff Current
ICBO
VCB = 15V, IE = 0
50
nA
Collector–Base Breakdown Voltage
V(BR)CBO IC = 100µA, IE = 0
30
V
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 5mA, IB = 0
25
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 10µA, IC = 0
3
V
Static Forward Current Transfer Ratio
h21E
VCE = 10V, IC = 10mA, Note 1
20
Base–Emitter Voltage
VBE
VCE = 10V, IC = 10mA
0.75
V
Knee Voltage
VCEK
IC = 20mA, Note 2
0.8
V
Transition Frequency
fT
VCE = 15V, IC = 10mA
1.4
2.3
GHz
Maximum Oscillation Frequency
f
VCE = 15V, IC = 10mA
6.5
GHz
Output Capacitance
C22b
VCB = 15V, IE = 0, f = 1MHz
1.1
pF
Note 1. Pulsed.
Note 2. VCEK tested with IC = 100ma and IB = values for which IC = 110mA at VCE = 1V.


Similar Part No. - NTE395

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE39 NTE-NTE39 Datasheet
19Kb / 2P
   Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator (Compl to NTE157)
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE391 NTE-NTE391 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE393 NTE-NTE393 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
More results

Similar Description - NTE395

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB312 ASB-AWB312 Datasheet
1Mb / 25P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB319 ASB-AWB319 Datasheet
1Mb / 18P
    5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Advanced Semiconductor ...
AWB517 ASB-AWB517 Datasheet
893Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB512 ASB-AWB512 Datasheet
869Kb / 15P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
ABU1513 ASB-ABU1513 Datasheet
752Kb / 12P
   5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
August 2017
ABB1513 ASB-ABB1513 Datasheet
629Kb / 10P
   50 ~ 1700 MHz Wide-band CATV Linear Amplifier MMIC
August 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com