Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S5-1500F Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFC12S5-1500F
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S5-1500F Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFC12S5-1500F Datasheet HTML 1Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 2Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 3Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 4Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 5Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 6Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 7Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 8Page - Wall Industries,Inc. JFC12S5-1500F Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 11
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Ripple & Noise
No Load
Input Current(1)
Output Power
Maximum
Capacitive
Load(2)
Efficiency(3)
JFC12D5-1500
12VDC
(9~18VDC)
±5VDC
±1500mA
100mVp-p
30mA
Up to 15W
±3000µF
85%
JFC12D12-625
±12VDC
±625mA
100mVp-p
30mA
±520µF
87%
JFC12D15-500
±15VDC
±500mA
100mVp-p
30mA
±330µF
88%
JFC12D24-315
±24VDC
±315mA
100mVp-p
17mA
±100µF
90%
JFC24D5-1500
24VDC
(18~36)
±5VDC
±1500mA
100mVp-p
15mA
Up to 15W
±3000µF
85%
JFC24D12-625
±12VDC
±625mA
100mVp-p
15mA
±520µF
88%
JFC24D15-500
±15VDC
±500mA
100mVp-p
25mA
±330µF
88%
JFC24D24-315
±24VDC
±315mA
100mVp-p
12mA
±100µF
90%
JFC48D5-1500
48VDC
(36~75VDC)
±5VDC
±1500mA
100mVp-p
12mA
Up to 15W
±3000µF
85%
JFC48D12-625
±12VDC
±625mA
100mVp-p
15mA
±520µF
89%
JFC48D15-500
±15VDC
±500mA
100mVp-p
20mA
±330µF
88%
JFC48D24-315
±24VDC
±315mA
100mVp-p
10ma
±100µF
91%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
12Vin(nom)
9
12
18
VDC
24Vin(nom)
18
24
36
48Vin(nom)
36
48
75
Start-Up Voltage
12Vin(nom)
9
VDC
24Vin(nom)
18
48Vin(nom)
36
Shutdown Voltage
12Vin(nom)
8
VDC
24Vin(nom)
14.5
48Vin(nom)
30.5
Input Surge Voltage
100ms, max.
12Vin(nom)
36
VDc
24Vin(nom)
50
48Vin(nom)
100
Input Reflected Ripple Current
Nominal Input and Full Load
30
mAp-p
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
Single
-0.2
+0.2
%
Dual
-0.5
+0.5
Load Regulation
No Load to Full Load
Single
-0.2
+0.2
%
Dual
-1.0
+1.0
Voltage Adjustability(4)
Single Output
24Vout
-10
+20
%
Others
-10
+10
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
Single
mVp-p
With a 1µF M/C X7R and a 10µF T/C
3.3Vout, 5Vout
75
With a 1µF M/C X7R and a 10µF T/C
12Vout, 15Vout
100
With a 6.8µF/50V X7R MLCC
24Vout
100
Dual
With a 4.7µF/50V X7R MLCC for each output
24Vout
100
With a 1µF M/C X7R and a 10µF T/C for each output Others
100
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Constant Resistive Load
Power Up
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/ºC


Similar Part No. - JFC12S5-1500F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S5-20 WALL-JFC12S5-20 Datasheet
253Kb / 5P
   20 Watts Maximum Output Power
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S5-1500F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com