Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2917N Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2917N
Description  Frequency to Voltage Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2917N Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2917N Datasheet HTML 1Page - National Semiconductor (TI) LM2917N Datasheet HTML 2Page - National Semiconductor (TI) LM2917N Datasheet HTML 3Page - National Semiconductor (TI) LM2917N Datasheet HTML 4Page - National Semiconductor (TI) LM2917N Datasheet HTML 5Page - National Semiconductor (TI) LM2917N Datasheet HTML 6Page - National Semiconductor (TI) LM2917N Datasheet HTML 7Page - National Semiconductor (TI) LM2917N Datasheet HTML 8Page - National Semiconductor (TI) LM2917N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Applications Information
The LM2907 series of tachometer circuits is designed for
minimum external part count applications and maximum ver-
satility In order to fully exploit its features and advantages
let’s examine its theory of operation The first stage of oper-
ation is a differential amplifier driving a positive feedback
flip-flop circuit The input threshold voltage is the amount of
differential input voltage at which the output of this stage
changes state Two options (LM2907-8 LM2917-8) have
one input internally grounded so that an input signal must
swing above and below ground and exceed the input
thresholds to produce an output This is offered specifically
for magnetic variable reluctance pickups which typically pro-
vide a single-ended ac output This single input is also fully
protected against voltage swings to g28V which are easily
attained with these types of pickups
The differential input options (LM2907 LM2917) give the
user the option of setting his own input switching level and
still have the hysteresis around that level for excellent noise
rejection in any application Of course in order to allow the
inputs to attain common-mode voltages above ground input
protection is removed and neither input should be taken
outside the limits of the supply voltage being used It is very
important that an input not go below ground without some
resistance in its lead to limit the current that will then flow in
the epi-substrate diode
Following the input stage is the charge pump where the
input frequency is converted to a dc voltage To do this
requires one timing capacitor one output resistor and an
integrating or filter capacitor When the input stage changes
state (due to a suitable zero crossing or differential voltage
on the input) the timing capacitor is either charged or dis-
charged linearly between two voltages whose difference is
VCC 2 Then in one half cycle of the input frequency or a
time equal to 12 fIN the change in charge on the timing
capacitor is equal to VCC 2 c C1 The average amount of
current pumped into or out of the capacitor then is
D
Q
T
e
ic(AVG) e C1 c
VCC
2
c
(2fIN) e VCC c fIN c C1
The output circuit mirrors this current very accurately into
the load resistor R1 connected to ground such that if the
pulses of current are integrated with a filter capacitor then
VO e ic c R1 and the total conversion equation becomes
VO e VCC c fIN c C1 c R1 c K
Where K is the gain constanttypically 10
The size of C2 is dependent only on the amount of ripple
voltage allowable and the required response time
CHOOSING R1 AND C1
There are some limitations on the choice of R1 and C1
which should be considered for optimum performance The
timing capacitor also provides internal compensation for the
charge pump and should be kept larger than 500 pF for very
accurate operation Smaller values can cause an error cur-
rent on R1 especially at low temperatures Several consid-
erations must be met when choosing R1 The output current
at pin 3 is internally fixed and therefore VO R1 must be less
than or equal to this value If R1 is too large it can become
a significant fraction of the output impedance at pin 3 which
degrades linearity Also output ripple voltage must be con-
sidered and the size of C2 is affected by R1 An expression
that describes the ripple content on pin 3 for a single R1C2
combination is
VRIPPLE e
VCC
2
c
C1
C2
c
1bVCCcfINcC1
I2
J pk-pk
It appears R1 can be chosen independent of ripple howev-
er response time or the time it takes VOUT to stabilize at a
new voltage increases as the size of C2 increases so a
compromise between ripple response time and linearity
must be chosen carefully
As a final consideration the maximum attainable input fre-
quency is determined by VCC C1 and I2
fMAX e
I2
C1 c VCC
USING ZENER REGULATED OPTIONS (LM2917)
For those applications where an output voltage or current
must be obtained independent of supply voltage variations
the LM2917 is offered The most important consideration in
choosing a dropping resistor from the unregulated supply to
the device is that the tachometer and op amp circuitry alone
require about 3 mA at the voltage level provided by the
zener At low supply voltages there must be some current
flowing in the resistor above the 3 mA circuit current to op-
erate the regulator As an example if the raw supply varies
from 9V to 16V a resistance of 470X will minimize the ze-
ner voltage variation to 160 mV If the resistance goes un-
der 400X or over 600X the zener variation quickly rises
above 200 mV for the same input variation
Typical Applications
Minimum Component Tachometer
TLH7942 – 8
5


Similar Part No. - LM2917N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2917N NSC-LM2917N Datasheet
326Kb / 21P
   Frequency to Voltage Converter
logo
Texas Instruments
LM2917N TI1-LM2917N Datasheet
535Kb / 24P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2917N TI-LM2917N Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2917N TI1-LM2917N Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
National Semiconductor ...
LM2917N-8 NSC-LM2917N-8 Datasheet
326Kb / 21P
   Frequency to Voltage Converter
More results

Similar Description - LM2917N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com