Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S5-3000F Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # JFC12S5-3000F
Description  Six-Sided Shielding
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S5-3000F Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button JFC12S5-3000F Datasheet HTML 3Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 4Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 5Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 6Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 7Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 8Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 9Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 10Page - Wall Industries,Inc. JFC12S5-3000F Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 10 of 11
JFCxxS12-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
12.120
12.240
12.360
12.480
12.600
12.720
12.840
12.960
13.080
13.200
RU (k
Ω)
203.223
99.057
64.334
46.973
36.557
29.612
24.652
20.932
18.038
15.723
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
11.880
11.760
11.640
11.520
11.400
11.280
11.160
11.040
10.920
10.800
RD (k
Ω)
776.557
308.723
248.779
182.807
143.223
116.834
97.985
83.848
72.853
64.057
JFCxxS15-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
15.150
15.300
15.450
15.600
15.750
15.900
16.050
16.200
16.350
16.500
RU (k
Ω)
161.557
78.223
50.446
36.557
28.223
22.668
18.700
15.723
13.409
11.557
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
14.850
14.700
14.550
14.400
14.250
14.000
13.750
13.500
13.250
13.000
RD (k
Ω)
818.223
401.557
262.668
193.223
193.223
151.557
103.938
89.057
77.483
68.223
JFCxxS24-xxxx TRIM-UP
Trim-Up (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
24.240
24.480
24.720
24.960
25.200
25.440
25.680
25.920
26.160
26.400
RU (k
Ω)
570.333
278.667
181.444
132.833
13.667
84.222
70.333
59.917
51.815
45.333
Trim-Up (%)
11
12
13
14
15
16
17
18
19
20
Vout (V)
26.640
26.880
27.120
27.360
27.600
27.840
28.080
28.320
28.560
28.800
RU (k
Ω)
40.030
35.611
31.872
28.667
25.889
23.458
21.314
19.407
17.702
16.167
TRIM-DOWN
Trim-Down (%)
1
2
3
4
5
6
7
8
9
10
Vout (V)
23.760
23.520
23.280
23.040
22.800
22.560
22.320
22.080
21.840
21.600
RD (k
Ω)
4947.667
2439.333
1603.222
1185.167
934.333
767.111
647.667
558.083
488.407
423.667
The power module should be connected to a low impedance input source. Highly inductive source impedance can affect the stability of the
power module.
Install CSIM and LSIM to simulate the impedance of power source. External input capacitors CFILTER serve primarily as energy-storage
elements, minimizing line voltage variations caused by transient IR drops in conductors from backplane to the DC/DC. The capacitor must
be as close as possible to the input terminals of the power module for lower impedance. For the input reflected-ripple current measurement
configuration is shown as below:
Input reflected-ripple current measurement setup
JFCxxSxx-xxxx
Component
Value
Voltage
Reference
LSIM
12µH
----
Inductor
CSIM~CFILTER
10µF
100V
Nippon chemi-con KY-series


Similar Part No. - JFC12S5-3000F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
More results

Similar Description - JFC12S5-3000F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
Wurth Elektronik GmbH &...
3003325A WURTH-3003325A Datasheet
219Kb / 2P
   WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
logo
IXYS Corporation
MIXA80W1200TED IXYS-MIXA80W1200TED Datasheet
268Kb / 7P
   Six-Pack
MIXA101W1200EH IXYS-MIXA101W1200EH Datasheet
343Kb / 6P
   Six-Pack
MIXD50W650TED IXYS-MIXD50W650TED Datasheet
248Kb / 4P
   Six-Pack
MIXA100W1200TEH IXYS-MIXA100W1200TEH Datasheet
383Kb / 6P
   Six-Pack
MIXA10W1200TML IXYS-MIXA10W1200TML Datasheet
393Kb / 6P
   Six-Pack
logo
Powerex Power Semicondu...
MG150J7KS61 POWEREX-MG150J7KS61 Datasheet
272Kb / 6P
   Six IGBTMOD
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100-G AVAGO-SPFEIM100-G Datasheet
317Kb / 5P
   Integrated EMI shielding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com